Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMD2SW.0201OZ Datasheet(PDF) 2 Page - Chip Quik Inc.

Part # SMD2SW.0201OZ
Description  Indium Solder Wire (In52/Sn48) 0.031" diameter - 10 ft with 2cc SMD291 flux
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPQUIK [Chip Quik Inc.]
Direct Link  https://www.chipquik.com/
Logo CHIPQUIK - Chip Quik Inc.

SMD2SW.0201OZ Datasheet(HTML) 2 Page - Chip Quik Inc.

  SMD2SW.0201OZ Datasheet HTML 1Page - Chip Quik Inc. SMD2SW.0201OZ Datasheet HTML 2Page - Chip Quik Inc. SMD2SW.0201OZ Datasheet HTML 3Page - Chip Quik Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ChipQuik® Solder Wire Orderable Part Numbers:
Flux Core
Alloy
Melting Point
Diameter
Size
Orderable Part Number
No-Clean Water-
Washable Synthetic
Flux Core 2.2%
(Except .006" and
.008" diameter wire
which are 1.2%)
Sn63/Pb37
183°C (361°F)
.015" (0.38mm)
100g (3.5oz)
SMDSW.015 100g
.020" (0.5mm)
0.4 oz
SMDSW.020 .4OZ
1 oz
SMDSW.020 1OZ
2 oz
SMDSW.020 2OZ
4 oz
SMDSW.020 4OZ
1/2 lb
SMDSW.020 8OZ
1 lb
SMDSW.020 1LB
.031" (0.8mm)
0.7 oz
SMDSW.031 .7OZ
1 oz
SMDSW.031 1OZ
2 oz
SMDSW.031 2OZ
4 oz
SMDSW.031 4OZ
1/2 lb
SMDSW.031 8OZ
1 lb
SMDSW.031 1LB
Sn60/Pb40
183-188°C (361-370°F)
.015" (0.38mm)
100g (3.5oz)
SMD2SW.015 100g
.020" (0.5mm)
0.4 oz
SMD2SW.020 .4OZ
1 oz
SMD2SW.020 1OZ
2 oz
SMD2SW.020 2OZ
4 oz
SMD2SW.020 4OZ
1/2 lb
SMD2SW.020 8OZ
1 lb
SMD2SW.020 1LB
.031" (0.8mm)
0.7 oz
SMD2SW.031 .7OZ
1 oz
SMD2SW.031 1OZ
2 oz
SMD2SW.031 2OZ
4 oz
SMD2SW.031 4OZ
1/2 lb
SMD2SW.031 8OZ
1 lb
SMD2SW.031 1LB
Sn62/Pb36/Ag2
179°C (354°F)
.015" (0.38mm)
100g (3.5oz)
SMD3SW.015 100g
.020" (0.5mm)
0.4 oz
SMD3SW.020 .4OZ
1 oz
SMD3SW.020 1OZ
2 oz
SMD3SW.020 2OZ
4 oz
SMD3SW.020 4OZ
1/2 lb
SMD3SW.020 8OZ
1 lb
SMD3SW.020 1LB
.031" (0.8mm)
0.7 oz
SMD3SW.031 .7OZ
1 oz
SMD3SW.031 1OZ
2 oz
SMD3SW.031 2OZ
4 oz
SMD3SW.031 4OZ
1/2 lb
SMD3SW.031 8OZ
1 lb
SMD3SW.031 1LB
Continued on next page
2
© 1994-2022 Chip Quik® Inc.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com