Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GV1G09 Datasheet(PDF) 30 Page - Schneider Electric

Part # GV1G09
Description  Variable speed drives Altivar Machine
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GV1G09 Datasheet(HTML) 30 Page - Schneider Electric

Back Button GV1G09 Datasheet HTML 26Page - Schneider Electric GV1G09 Datasheet HTML 27Page - Schneider Electric GV1G09 Datasheet HTML 28Page - Schneider Electric GV1G09 Datasheet HTML 29Page - Schneider Electric GV1G09 Datasheet HTML 30Page - Schneider Electric GV1G09 Datasheet HTML 31Page - Schneider Electric GV1G09 Datasheet HTML 32Page - Schneider Electric GV1G09 Datasheet HTML 33Page - Schneider Electric GV1G09 Datasheet HTML 34Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
29
References
Variable speed drives
Altivar Machine ATV320
Additional EMC input filters
References
Additional EMC input filters
For drives
Additional EMC input filter
Reference
Maximum length of shielded
cable (1) (2)
In
(3)
Losses
(4)
Mounting
the filter/
Book format
Reference
Weight
IEC 61800-3 (5)
Category C2
Category C1
m/ft
m/ft
A
W
kg/lb
Single-phase supply voltage: 200…240 V 50/60 Hz
ATV320U02M2C…U07M2C
50/ 164.04
20/ 65.61
9
3.7
–
VW3A31401
0.600/
1.323
ATV320U11M2C…U15M2C
50/ 164.04
20/ 65.61
16
6.9
–
VW3A31403
0.775/
1.709
ATV320U22M2C
50/ 164.04
20/ 65.61
22
7.5
–
VW3A31405
1.130/
2.491
ATV320U02M2B…U07M2B
50/ 164.04
20/ 65.61
10.1
3.7
On the side
VW3A4420
0.600/
1.323
ATV320U11M2B…U15M2B
50/ 164.04
20/ 65.61
17.6
6.9
On the side
VW3A4421
0.775/
1.709
ATV320U22M2B
50/ 164.04
20/ 65.61
23.9
7.5
On the side
VW3A4426
1.130/
2.491
Three-phase supply voltage: 200…240 V 50/60 Hz
ATV320U02M3C...U07M3C
5/ 16.40
1/ 3.28
7
2.6
–
VW3A31402
0.650/
1.433
ATV320U11M3C...U22M3C
5/ 16.40
1/ 3.28
15
9.9
–
VW3A31404
1.000/
2.205
ATV320U30M3C...U40M3C
5/ 16.40
1/ 3.28
25
15.8
–
VW3A31406
1.650/
3.637
ATV320U55M3C...U75M3C
5/ 16.40
1/ 3.28
47
19.3
–
VW3A31407
3.150/
6.945
ATV320D11M3C...D15M3C
5/ 16.40
1/ 3.28
83
35.2
–
VW3A31408
5.300/
11.684
Three-phase supply voltage: 380…500 V 50/60 Hz
ATV320U04N4C…U15N4C
50/ 164.04
20/ 65.61
15
9.9
–
VW3A31404
1.000/
2.205
ATV320U22N4C…U40N4C
50/ 164.04
20/ 65.61
25
15.8
–
VW3A31406
1.650/
3.637
ATV320U04N4B…U40N4B
50/ 164.04
20/ 65.61
15
9.9
On the side
VW3A4422
0.900/
1.984
ATV320U55N4B…U75N4B
50/ 164.04
20/ 65.61
47
19.3
Underneath
VW3A4424
3.150/
6.944
ATV320D11N4B…D15N4B
50/ 164.04
20/ 65.61
49
27.4
Underneath
VW3A4425
4.750/
10.472
(1) The filter selection tables give the maximum lengths for shielded cables connecting motors to drives. These maximum lengths
are given as examples only, as they vary depending on the stray capacitance of the motors and the cables used. If motors are
connected in parallel, it is the total length of all cables that should be taken into account.
(2) These values are given for a nominal switching frequency of 4 kHz.
(3) In: nominal filter current.
(4) Via heat dissipation, at the nominal filter current (In).
(5) Standard IEC 61800-3: EMC immunity and conducted and radiated EMC emissions:
- Category C1: public power supply (residential)
- Category C2: industrial power supply
Presentation:
page 4
Variable speed drives:
page 12
Combinations:
page 22
Dimensions:
page 44
VW3A4422
VW3A4424
VW3A31405
2
1
3
4
5
6
7
8
9
10
2
1
3
4
5
6
7
8
9
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com