Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GV1G09 Datasheet(PDF) 39 Page - Schneider Electric

Part # GV1G09
Description  Variable speed drives Altivar Machine
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GV1G09 Datasheet(HTML) 39 Page - Schneider Electric

Back Button GV1G09 Datasheet HTML 35Page - Schneider Electric GV1G09 Datasheet HTML 36Page - Schneider Electric GV1G09 Datasheet HTML 37Page - Schneider Electric GV1G09 Datasheet HTML 38Page - Schneider Electric GV1G09 Datasheet HTML 39Page - Schneider Electric GV1G09 Datasheet HTML 40Page - Schneider Electric GV1G09 Datasheet HTML 41Page - Schneider Electric GV1G09 Datasheet HTML 42Page - Schneider Electric GV1G09 Datasheet HTML 43Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
38
Combinations
Variable speed drives
Altivar Machine ATV320
Motor starters: circuit-breaker + drive
Applications
Two types of combination are possible:
b
Circuit-breaker + drive: minimum combination. The circuit-breaker can be mounted directly on
ATV320pppMpp
and
ATV320U04N4B…U40N4B drives using the bracket for GV2/ATV320 direct mounting (VW3A9921) and the
adapter plate (
GV2AF4) (see page 14).
b
Circuit-breaker + contactor + drive: minimum combination with contactor when a control circuit is needed.
The circuit-breaker provides protection against accidental short circuits, disconnection, and, if necessary,
isolation.
The contactor controls and manages any protection functions. A contactor can be used downstream of the drive to
help ensure the motor is isolated on stopping. In this case, the contactor size should be category AC-3 depending
on the associated motor, only for operation between 25 Hz and 500 Hz.
The Altivar Machine ATV320 drive is protected electronically against short circuits between phases and between
phase and ground. It therefore provides continuity of service and thermal monitoring of the motor.
Motor starters: Circuit-breaker + Drive
Standard power ratings of
three-phase 4-pole
50/60 Hz motors (2)
Variable speed drive
Circuit-breaker (1)
Reference (3)
Reference
Circuit-breaker mounted
directly on ATV320 (4)
kW
HP
Single-phase supply voltage: 200…240 V 50/60 Hz
0.18
0.25
ATV320U02M2p
GV2L08 (5)
With accessories VW3A9921 +
GV2AF4 (6)
0.37
0.5
ATV320U04M2p
GV2L10 (5)
0.55
0.75
ATV320U06M2p
GV2L14 (5)
0.75
1
ATV320U07M2p
GV2L16 (5)
1.1
1.5
ATV320U11M2p
GV2L16 (5)
1.5
2
ATV320U15M2p
GV2L20 (5)
2.2
3
ATV320U22M2p
GV2L22 (5)
Three-phase supply voltage: 200…240 V 50/60 Hz
0.18
0.25
ATV320U02M3C
GV2L07 (5)
–
0.37
0.5
ATV320U04M3C
GV2L08 (5)
0.55
0.75
ATV320U06M3C
GV2L10 (5)
0.75
1
ATV320U07M3C
GV2L14 (5)
1.1
1.5
ATV320U11M3C
GV2L14 (5)
1.5
2
ATV320U15M3C
GV2L16 (5)
2.2
3
ATV320U22M3C
GV2L20 (5)
3
4
ATV320U30M3C
GV2L22 (5)
4
5
ATV320U40M3C
GV2L22 (5)
5.5
7.5
ATV320U55M3C
GV3L40 (5)
7.5
10
ATV320U75M3C
GV3L50 (5)
11
15
ATV320D11M3C
GV3L65 (5)
15
20
ATV320D15M3C
NS100HMA
Three-phase supply voltage: 380…500 V 50/60 Hz
0.37
0.5
ATV320U04N4p
GV2L07 (5) (7)
With accessories VW3A9921 +
GV2AF4 (6)
0.55
0.75
ATV320U06N4p
GV2L08 (5) (7)
0.75
1
ATV320U07N4p
GV2L08 (5) (7)
1.1
1.5
ATV320U11N4p
GV2L10 (5) (7)
1.5
2
ATV320U15N4p
GV2L14 (5) (7)
2.2
3
ATV320U22N4p
GV2L14 (5) (7)
3
4
ATV320U30N4p
GV2L16 (5) (7)
4
5
ATV320U40N4p
GV2L16 (5) (7)
5.5
7.5
ATV320U55N4B
GV2L22 (5)
–
7.5
10
ATV320U75N4B
GV3L32 (5)
–
11
15
ATV320D11N4B
GV3L40 (5)
–
15
20
ATV320D15N4B
GV3L50 (5)
–
Three-phase supply voltage: 525…600 V 50/60 Hz
0.75
1
ATV320U07S6C
GV3P13
–
1.5
2
ATV320U15S6C
GV3P13
2.2
3
ATV320U22S6C
GV3P13
4
5
ATV320U40S6C
GV3P13
5.5
7.5
ATV320U55S6C
GV3P13
7.5
10
ATV320U75S6C
GV3P18
11
15
ATV320D11S6C
GV3P25
15
20
ATV320D15S6C
GV3P32
(1) GV2L, GV3L: TeSys magnetic motor circuit-breakers; accessories (see page 43).
(2) The HP values given are NEC-compliant (National Electrical Code).
(3) For the complete reference, replace p with B or C.
(4) The circuit-breaker can be mounted directly only on the book format drive
ATV320UppM2B and ATV320U04N4B…U40N4B.
(5) GVpLpp circuit breaker reference are not UL compliant.To achieve UL Type E compliance GVpPpp thermal magnetic
circuit-breaker must be used.
(6) To be ordered separately (see page 13), see note (4) for compatibility.
(7) A GV2P TeSys thermal magnetic circuit-breaker with the same rating can also be used with
ATV320U04N4p…U40N4p drives.
The thermal release should then be set to maximum to inhibit this function.
GV2 / ATV320 direct
mounting:
GV2L08 +
(
VW3A9921 + GV2AF4) (56)
+
ATV320U07N4B
ATV320U07S6C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com