Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GVAP115 Datasheet(PDF) 21 Page - Schneider Electric

Part # GVAP115
Description  Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GVAP115 Datasheet(HTML) 21 Page - Schneider Electric

Back Button GVAP115 Datasheet HTML 17Page - Schneider Electric GVAP115 Datasheet HTML 18Page - Schneider Electric GVAP115 Datasheet HTML 19Page - Schneider Electric GVAP115 Datasheet HTML 20Page - Schneider Electric GVAP115 Datasheet HTML 21Page - Schneider Electric GVAP115 Datasheet HTML 22Page - Schneider Electric GVAP115 Datasheet HTML 23Page - Schneider Electric GVAP115 Datasheet HTML 24Page - Schneider Electric GVAP115 Datasheet HTML 25Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
Manual Motor Starters, Controllers, and Protectors
GV7 Accessories Selection
21
10/02
© 2001-2002 Schneider Electric All Rights Reserved
Direct Rotary Handle
The direct rotary handle replaces the starter front cover and is secured by screws (see the diagram
on page 20). It includes a device for locking the starter in the O (Off) position by a padlock. As many as
3 padlocks with a shank diameter of 5 to 8 mm (0.2 to 0.3 in) can be used. The padlocks are not
supplied. A conversion accessory allows the direct rotary handle to be mounted on an enclosure door.
In this case, the door cannot be opened if the starter is in the “tripped” position. Starter closing is
inhibited if the enclosure door is open. Refer to the diagram on page 20.
▲
This conversion accessory makes it impossible to open the door if the device is closed and prevents the device from being closed if the door is open.
Extended Rotary Handle
The extended rotary handle makes it possible to operate controllers installed in the back of an enclosure
from the front of the enclosure. Refer to the diagram on page 20.
It consists of the following:
— a unit which screws onto the front cover of the starter
— an assembly (handle and front plate) to be fitted on the enclosure door
— an extension shaft which must be adjusted – distance between the mounting surface and the
door: 185 mm (7.28 in) minimum, 600 mm (23.62 in) maximum
It includes a device for locking the starter in the O (Off) position by a padlock. As many as 3 padlocks
with a shank diameter of 5 to 8 mm (0.2 to 0.3 in) can be used. The padlocks are not supplied. This
prevents the enclosure door from being opened.
Locking Device
The locking device allows controllers without a rotary handle installed, to be locked in the O (Off) position
by a padlock. As many as 3 padlocks with a shank diameter of 5 to 8 mm (0.2 to 0.3 in) can be used.
The padlocks are not supplied. Refer to the diagram on page 20.
Description
Type
Catalog Number
Weight / kg (lbs)
Direct Rotary Handle
Black handle, black legend plate
GV7AP03
0.205 (0.45)
Red handle, yellow legend plate
GV7AP04
0.205 (0.45)
Conversion Accessory ▲
For mounting direct rotary handle on
enclosure door
GV7AP05
0.100 (0.22)
Description
Type
Catalog Number
Weight / kg (lbs)
Extended Rotary Handle
Black handle, black legend plate
GV7AP01
0.775 (1.71)
Red handle, yellow legend plate
GV7AP02
0.775 (1.71)
Description
Application
Catalog Number
Weight / kg (lbs)
Locking Device
For GV7 not fitted with a rotary
handle
GV7V01
0.100 (0.22)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com