Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GVAP115 Datasheet(PDF) 36 Page - Schneider Electric

Part # GVAP115
Description  Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GVAP115 Datasheet(HTML) 36 Page - Schneider Electric

Back Button GVAP115 Datasheet HTML 32Page - Schneider Electric GVAP115 Datasheet HTML 33Page - Schneider Electric GVAP115 Datasheet HTML 34Page - Schneider Electric GVAP115 Datasheet HTML 35Page - Schneider Electric GVAP115 Datasheet HTML 36Page - Schneider Electric GVAP115 Datasheet HTML 37Page - Schneider Electric GVAP115 Datasheet HTML 38Page - Schneider Electric GVAP115 Datasheet HTML 39Page - Schneider Electric GVAP115 Datasheet HTML 40Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 64 page
background image
Manual Motor Starters, Controllers, and Protectors
Specifications
© 2001-2002 Schneider Electric All Rights Reserved
36
10/02
GV3 AUXILIARY CONTACT SPECIFICATIONS
Auxiliary and Fault Signalling Contact Characteristics
Type
Instantaneous Auxiliary Contacts GV3A01 to A07
Fault Signalling Contacts GV3A08 and A09
Rated insulation voltage (Ui)
conforming to IEC 60158-1
V690
690
conforming to
CSA C22.2 No. 14 and UL 508
V
600 (B600)
600 (B600)
Conventional rated thermal
current (Ith)
conforming to IEC 60337-1
A6
6
conforming to
CSA C22.2 No.14 and UL 508
A
5 (B600)
5 (B600)
Mechanical life
ops
100 000
1000
Operational power and current
conforms to
V48
110
127
220
240
380
415
440
500
690
48
110
127
220
240
380
415
440
500
690
IEC 60337-1 a.c operation
AC-11/100 000 ops (Closing-opening)
AC-11/1000 ops (Closing-opening)
Operational power
VA
350
500
800
850
700
700
400
240
460
800
850
450
450
200
Occasional breaking and
making capacities
VA
4000
12 000
20 000
20 000
15 000
15 000
10 000
2400
8000
12 000
15 000
12 000
12 000
8000
Operational current (Ie)
A
6
4.5
3.5
2.2
1.5
1.5
0.6
5
3.6
3.5
2.2
1
1
0.3
Operational power and current
conforming to
IEC 60337-1 d.c. operation
V
24
48
60
110
220
24
48
60
110
220
DC-11/100 000 ops (Closing-opening)
DC-11/1000 ops (Closing-opening)
Operational power
W
180
240
180
140
120
120
120
90
70
60
Occasional breaking and
making capacities
W
240
360
240
210
180
180
180
135
105
90
Operational current (Ie)
A
6
5
3
1.3
0.5
5
2.5
1.5
0.7
0.3
Short circuit protection
conforming to IEC 60337-1
By GB2CB08 circuit breaker for control circuits
or g l fuse, 6 A max (or equivalent)
By GB2CB08 circuit breaker for control circuits
or g l fuse, 6 A max (or equivalent)
Contact operation
O = N.C.
F = N.O.
Power poles:
GV3AC1, A07
GV3A02
GV3A03
GV3A05
GV3A06
GV3A08 and A09 change state
following an overload or short circuit fault
Type
Instantaneous Auxiliary Contacts GV3A01 to A07
Fault Signalling Contacts GV3A08 and A09
Wiring
Number of conductors and cross
sectional area (c.s.a.) - solid cable
Min
Max
Min
Max
1-#16 to #12 AWG (1-2.5 mm2)
2-#16 to #12 AWG (1-2.5 mm2)
1-#16 to #12 AWG (1-2.5 mm2)
2-#16 to #12 AWG (1-2.5 mm2)
flexible cable without cable end
1-#18 to #12 AWG (.75-2.5 mm2)
2-#18 to #12 AWG (.75-2.5 mm2)
1-#18 to #12 AWG (.75-2.5 mm2)
2-#18 to #12 AWG (.75-2.5 mm2)
flexible cable with cable end
1-#18 to #12 AWG (.75-2.5 mm2)
2-#18 to #14 AWG (.75-1.5 mm2)
1-#18 to #12 AWG (.75-2.5 mm2)
2-#18 to #14 AWG (.75-1.5 mm2)
01
P
O
F
F
F
F
O
F
F
F
F
F
Contact:
Open
Closed
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com