Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYD63 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BYD63
Description  Ripple blocking diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYD63 Datasheet(HTML) 5 Page - NXP Semiconductors

  BYD63 Datasheet HTML 1Page - NXP Semiconductors BYD63 Datasheet HTML 2Page - NXP Semiconductors BYD63 Datasheet HTML 3Page - NXP Semiconductors BYD63 Datasheet HTML 4Page - NXP Semiconductors BYD63 Datasheet HTML 5Page - NXP Semiconductors BYD63 Datasheet HTML 6Page - NXP Semiconductors BYD63 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
1996 Jun 10
5
Philips Semiconductors
Product specification
Ripple blocking diode
BYD63
VR = VRRMmax.
Fig.6
Reverse current as a function of junction
temperature; maximum values.
handbook, halfpage
103
102
10
1
200
0
MGA853
100
T ( C)
j
o
I R
( A)
µ
f = 1 MHz; Tj = 25 °C.
Fig.7
Diode capacitance as a function of reverse
voltage; typical values.
handbook, halfpage
1
MLC305
10
102
103
1
102
10
V
(V)
R
Cd
(pF)
Fig.8 Device mounted on a printed-circuit board.
Dimensions in mm.
handbook, halfpage
MGA200
3
2
7
50
25
50
Fig.9 Forward recovery time definition.
handbook, halfpage
t fr
t
100% 110%
VF
t
10%
IF
MGC500



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com