Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYD63 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BYD63
Description  Ripple blocking diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYD63 Datasheet(HTML) 4 Page - NXP Semiconductors

  BYD63 Datasheet HTML 1Page - NXP Semiconductors BYD63 Datasheet HTML 2Page - NXP Semiconductors BYD63 Datasheet HTML 3Page - NXP Semiconductors BYD63 Datasheet HTML 4Page - NXP Semiconductors BYD63 Datasheet HTML 5Page - NXP Semiconductors BYD63 Datasheet HTML 6Page - NXP Semiconductors BYD63 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
1996 Jun 10
4
Philips Semiconductors
Product specification
Ripple blocking diode
BYD63
GRAPHICAL DATA
a = 1.42; VR = VRRMmax; δ = 0.5.
Switched mode application.
Fig.2
Maximum permissible average forward
current as a function of tie-point temperature
(including losses due to reverse leakage).
handbook, halfpage
0
200
1.6
0
MLC303
0.4
100
T tp ( C)
o
I F(AV)
(A)
0.8
1.2
lead length 10 mm
a = 1.42; VR = VRRMmax; δ = 0.5.
Device mounted as shown in Fig.8.
Switched mode application.
Fig.3
Maximum permissible average forward
current as a function of ambient temperature
(including losses due to reverse leakage).
handbook, halfpage
0
200
0
0.2
0.8
0.6
MLC304
100
I F(AV)
(A)
T
( C)
o
0.4
amb
a = IF(RMS)/IF(AV); VR = VRRMmax; δ = 0.5.
Fig.4
Maximum steady state power dissipation
(forward plus leakage current losses,
excluding switching losses) as a function
of average forward current.
handbook, halfpage
0
MLC302
3
0
2
1
a = 3 2.5
2
P
(W)
I
(A)
F(AV)
0.5
1.0
1.57
1.42
Dotted line: Tj = 175 °C.
Solid line: Tj = 25 °C.
Fig.5
Forward current as a function of forward
voltage; maximum values.
handbook, halfpage
0
5
4
6
0
2
4
MLC301
2
3
1
I F
(A)
V
(V)
F



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com