Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8150CDS/R Datasheet(PDF) 12 Page - Wolfson Microelectronics plc

Part # WM8150CDS/R
Description  Single Channel 12-bit CIS/CCD AFE with 4-bit Wide Output
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8150CDS/R Datasheet(HTML) 12 Page - Wolfson Microelectronics plc

Back Button WM8150CDS/R Datasheet HTML 8Page - Wolfson Microelectronics plc WM8150CDS/R Datasheet HTML 9Page - Wolfson Microelectronics plc WM8150CDS/R Datasheet HTML 10Page - Wolfson Microelectronics plc WM8150CDS/R Datasheet HTML 11Page - Wolfson Microelectronics plc WM8150CDS/R Datasheet HTML 12Page - Wolfson Microelectronics plc WM8150CDS/R Datasheet HTML 13Page - Wolfson Microelectronics plc WM8150CDS/R Datasheet HTML 14Page - Wolfson Microelectronics plc WM8150CDS/R Datasheet HTML 15Page - Wolfson Microelectronics plc WM8150CDS/R Datasheet HTML 16Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
WM8150
Production Data
w
PD Rev 4.1 February 2005
12
MCLK
VSMP
VS
R
S/CL (CDSREF = 00)
R
S/CL (CDSREF = 01)
R
S/CL (CDSREF = 10)
R
S/CL (CDSREF = 11)
Figure 6 Reset Sample and Clamp Timing
For CIS type sensor signals, non-CDS processing is used. In this case, the video level is processed
with respect to the voltage on pin VRLC/VBIAS, generated internally or externally as described
above. The VRLC/VBIAS pin is sampled by Rs at the same time as Vs samples the video level in this
mode; non-CDS processing is achieved by setting switch 2 in the lower position, CDS = 0.
OFFSET ADJUST AND PROGRAMMABLE GAIN
The output from the CDS block is a differential signal, which is added to the output of an 8-bit Offset
DAC to compensate for offsets and then amplified by an 8-bit PGA. The gain and offset can be set
for each of three colours by writing to control bits DACx[7:0] and PGAx[7:0] (where x can be R, G or
B).
In colour line-by-line mode the gain and offset coefficients that are applied to the PGA and offset
DAC can be multiplexed by control of the INTM[1:0] bits as shown in Table 1.
INTM[1:0]
DESCRIPTION
00
Red offset and gain registers are applied to offset DAC and PGA
(DACR[7:0] and PGAR[7:0])
01
Green offset and gain registers applied to offset DAC and PGA
(DACG[7:0] and PGAG[7:0])
10
Blue offset and gain registers applied to offset DAC and PGA
(DACB[7:0] and PGAB[7:0])
11
Reserved.
Table 1 Offset DAC and PGA Register Control
The gain characteristic of the WM8150 PGA is shown in Figure 7. Figure 8 shows the maximum
input voltage (at VINP) that can be gained up to match the ADC full-scale input range (2.5V).
0
1
2
3
4
5
6
7
8
9
0
64
128
192
256
GAIN REGISTER VALUE, PGA[7:0]
0
0.5
1
1.5
2
2.5
3
3.5
0
64
128
192
256
GAIN REGISTER VALUE, PGA[7:0]
Figure 7 PGA Gain Characteristic
Figure 8 Peak Input Voltage to Match ADC Full-scale Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com