Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8150CDS/R Datasheet(PDF) 15 Page - Wolfson Microelectronics plc

Part # WM8150CDS/R
Description  Single Channel 12-bit CIS/CCD AFE with 4-bit Wide Output
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8150CDS/R Datasheet(HTML) 15 Page - Wolfson Microelectronics plc

Back Button WM8150CDS/R Datasheet HTML 11Page - Wolfson Microelectronics plc WM8150CDS/R Datasheet HTML 12Page - Wolfson Microelectronics plc WM8150CDS/R Datasheet HTML 13Page - Wolfson Microelectronics plc WM8150CDS/R Datasheet HTML 14Page - Wolfson Microelectronics plc WM8150CDS/R Datasheet HTML 15Page - Wolfson Microelectronics plc WM8150CDS/R Datasheet HTML 16Page - Wolfson Microelectronics plc WM8150CDS/R Datasheet HTML 17Page - Wolfson Microelectronics plc WM8150CDS/R Datasheet HTML 18Page - Wolfson Microelectronics plc WM8150CDS/R Datasheet HTML 19Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
Production Data
WM8150
w
PD Rev 4.1 February 2005
15
OUTPUT DATA FORMAT
The digital data output from the ADC is available to the user in 4-bit wide multiplexed. Latency of
valid output data with respect to VSMP is programmable by writing to control bits DEL[1:0]. The
latency for each mode is shown in the Operating Mode Timing Diagrams section.
Figure 10 shows the output data formats for Mode 1 and 3 – 6. Figure 11 shows the output data
formats for Mode 2. Table 2 summarises the output data obtained for each format.
MCLK
4+4+4-BIT
OUTPUT
AB
C
D
MCLK
4+4+4-BIT
OUTPUT
D
AB
C D
AB
Figure 10 Output Data Formats
(Modes 1, 3, 4)
Figure 11 Output Data Formats
(Mode 2)
OUTPUT
FORMAT
OUTPUT
PINS
OUTPUT
4+4+4+4-bit
(nibble)
OP[3:0]
A = d11, d10, d9, d8
B = d7, d6, d5, d4
C = d3, d2, d1, d0
D = 0, CC[1], CC[0], OVRNG
Table 2 Details of Output Data Shown in Figure 10 and Figure 11.
FLAGS
The OVRNG flag that is output during nibble D indicates that the current output data was produced
by an input signal that exceeded the input range limit of the device. 1 = Out of range, 0 = within
range.
The CC[1:0] flags that are output during nibble D are used to indicate which set of offset and gain
registers have been used for the current data. CC[1:0] = 00 indicates Red, CC[1:0] = 01 indicates
Green and CC[1:0] = 10 indicates that the Blue offset and gain registers were applied during the
processing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com