Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8150SCDS Datasheet(PDF) 14 Page - Wolfson Microelectronics plc

Part # WM8150SCDS
Description  Single Channel 12-bit CIS/CCD AFE with 4-bit Wide Output
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8150SCDS Datasheet(HTML) 14 Page - Wolfson Microelectronics plc

Back Button WM8150SCDS Datasheet HTML 10Page - Wolfson Microelectronics plc WM8150SCDS Datasheet HTML 11Page - Wolfson Microelectronics plc WM8150SCDS Datasheet HTML 12Page - Wolfson Microelectronics plc WM8150SCDS Datasheet HTML 13Page - Wolfson Microelectronics plc WM8150SCDS Datasheet HTML 14Page - Wolfson Microelectronics plc WM8150SCDS Datasheet HTML 15Page - Wolfson Microelectronics plc WM8150SCDS Datasheet HTML 16Page - Wolfson Microelectronics plc WM8150SCDS Datasheet HTML 17Page - Wolfson Microelectronics plc WM8150SCDS Datasheet HTML 18Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
WM8150
Production Data
w
PD Rev 4.1 February 2005
14
VVRLC
=
(VRLCSTEP
∗ RLCV[3:0]) + VRLCBOT ................................. Eqn. 3
VRLCSTEP is the step size of the RLC DAC and VRLCBOT is the minimum output of the RLC DAC.
OFFSET DAC BLOCK: OFFSET (BLACK-LEVEL) ADJUST
The resultant signal V1 is added to the Offset DAC output.
V2
=
V1 + {260mV
∗ (DAC[7:0]-127.5) } / 127.5 ..................... Eqn. 4
PGA NODE: GAIN ADJUST
The signal is then multiplied by the PGA gain,
V3
=
V2
∗ [0.78+(PGA[7:0]*7.57)/255] ................................... Eqn. 5
ADC BLOCK: ANALOGUE-DIGITAL CONVERSION
The analogue signal is then converted to a 12-bit unsigned number, with input range configured by
PGAFS[1:0].
D1[11:0] = INT{ (V3 /VFS)
∗ 4095} + 2047
PGAFS[1:0] = 00 or 01 ......
Eqn. 6
D1[11:0] = INT{ (V3 /VFS)
∗ 4095}
PGAFS[1:0] = 11 ...............
Eqn. 7
D1[11:0] = INT{ (V3 /VFS)
∗ 4095} + 4095
PGAFS[1:0] = 10 ...............
Eqn. 8
where the ADC full-scale range, VFS = 2.5V
if D1[11:0] < 0
D1[11:0] = 0
if D1[11:0] > 4095
D1[11:0] = 4095
OUTPUT INVERT BLOCK: POLARITY ADJUST
The polarity of the digital output may be inverted by control bit INVOP.
D2[11:0] = D1[11:0]
(INVOP = 0) ......................
Eqn. 9
D2[11:0] = 4095 – D1[11:0]
(INVOP = 1) ......................
Eqn. 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com