Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8150SCDS Datasheet(PDF) 23 Page - Wolfson Microelectronics plc

Part # WM8150SCDS
Description  Single Channel 12-bit CIS/CCD AFE with 4-bit Wide Output
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8150SCDS Datasheet(HTML) 23 Page - Wolfson Microelectronics plc

Back Button WM8150SCDS Datasheet HTML 18Page - Wolfson Microelectronics plc WM8150SCDS Datasheet HTML 19Page - Wolfson Microelectronics plc WM8150SCDS Datasheet HTML 20Page - Wolfson Microelectronics plc WM8150SCDS Datasheet HTML 21Page - Wolfson Microelectronics plc WM8150SCDS Datasheet HTML 22Page - Wolfson Microelectronics plc WM8150SCDS Datasheet HTML 23Page - Wolfson Microelectronics plc WM8150SCDS Datasheet HTML 24Page - Wolfson Microelectronics plc WM8150SCDS Datasheet HTML 25Page - Wolfson Microelectronics plc WM8150SCDS Datasheet HTML 26Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
Production Data
WM8150
w
PD Rev 4.1 February 2005
23
REGISTER
BIT
NO
BIT
NAME(S)
DEFAULT
DESCRIPTION
0
VSMPDET
0
0 = Normal operation, signal on VSMP input pin is applied directly to
Timing Control block.
1 = Programmable VSMP detect circuit is enabled. An internal
synchronisation pulse is generated from signal applied to VSMP input pin
and is applied to Timing Control block.
3:1
VDEL[2:0]
000
When VSMPDET = 0 these bits have no effect.
When VSMPDET = 1 these bits set a programmable delay from the
detected edge of the signal applied to the VSMP pin. The internally
generated pulse is delayed by VDEL MCLK periods from the detected
edge.
See Figure 14, Internal VSMP Pulses Generated for details.
Setup
Register 5
4
POSNNEG
0
When VSMPDET = 0 this bit has no effect.
When VSMPDET = 1 this bit controls whether positive or negative edges
are detected:
0 = Negative edge on VSMP pin is detected and used to generate internal
timing pulse.
1 = Positive edge on VSMP pin is detected and used to generate internal
timing pulse.
See Figure 14 for further details.
0 = Normal Operation, OP[3:0] output ADC data.
1 = Internal Clock Test Mode. This allows internal timing signals to be
multiplexed onto the OP[3:0] pins as follows.
PIN
TCLK=0
TCLK=1
OP[3]
OP[3]
INTVSMP
OP[2]
OP[2]
Video sample clock
OP[1]
OP[1]
ADC clock
Test
Register 1
7
TCLK
0
OP[0]
OP[0]
Reset sample clock
Offset DAC
(Red)
7:0
DACR[7:0]
80
Red channel offset DAC value. Used under control of the INTM[1:0]
control bits.
Offset DAC
(Green)
7:0
DACG[7:0]
80
Green channel offset DAC value. Used under control of the INTM[1:0]
control bits.
Offset DAC
(Blue)
7:0
DACB[7:0]
80
Blue channel offset DAC value. Used under control of the INTM[1:0]
control bits.
Offset DAC
(RGB)
7:0
DAC[7:0]
A write to this register location causes the red, green and blue offset DAC
registers to be overwritten by the new value
PGA gain
(Red)
7:0
PGAR[7:0]
0
Determines the gain of the red channel PGA according to the equation:
Red channel PGA gain = [0.78+(PGAR[7:0]*7.57)/255]. Used under
control of the INTM[1:0] control bits.
PGA gain
(Green)
7:0
PGAG[7:0]
0
Determines the gain of the green channel PGA according to the equation:
Green channel PGA gain = [0.78+(PGAG[7:0]*7.57)/255]. Used under
control of the INTM[1:0] control bits.
PGA gain
(Blue)
7:0
PGAB[7:0]
0
Determines the gain of the blue channel PGA according to the equation:
Blue channel PGA gain = [0.78+(PGAB[7:0]*7.57)/255]. Used under
control of the INTM[1:0] control bits.
PGA gain
(RGB)
7:0
PGA[7:0]
A write to this register location causes the red, green and blue PGA gain
registers to be overwritten by the new value
Table 5 Register Control Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com