Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8591 Datasheet(PDF) 15 Page - Wolfson Microelectronics plc

Part # WM8591
Description  24-bit, 192kHz Stereo CODEC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8591 Datasheet(HTML) 15 Page - Wolfson Microelectronics plc

Back Button WM8591 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8591 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8591 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8591 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8591 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8591 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8591 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8591 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8591 Datasheet HTML 19Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 51 page
background image
Production Data
WM8591
w
PD Rev 4.0 December 2005
15
ADCBCLK and DACBCLK are also generated by the WM8591. The frequency of ADCBCLK and
DACBCLK can be set in software.
BCLK can be set to MCLK/4, 64fs or 128fs. If DSP mode is selected as the audio interface mode
then BCLK can be set to MCLK, 64fs or 128fs. Note that DSP mode cannot be used in 128fs mode
for word lengths greater than 16 bits or in 192fs mode for word lengths greater than 24 bits.
ZERO DETECT
The WM8591 has a zero detect circuit for each DAC channel, which detects when 1024 consecutive
zero samples have been input. The two zero flag outputs (ZFLAGL and ZFLAGR) may be
programmed to output the zero detect signals (see Table 9) that may then be used to control external
muting circuits.
The ZFLAGL and ZFLAGR pins require a pull-up resistor to be connected (see
external components diagram). The ZFLAGL and ZFLAGR pads will pull low to indicate that the zero
condition has been detected.
The polarity of the zero flag signals can be changed by setting the ZFLAGPOL bit. When this bit is
set, the ZFLAGL and ZFLAGR pins will pull low when the zero condition is not found and will go to
high impedance when the zero condition is detected.
The zero detect may also be used to automatically enable the mute by setting IZD. The zero flag
output may be disabled by setting DZFM to 00.
Table 9 Zero Flag Control
POWERDOWN MODES
The WM8591 has powerdown control bits allowing specific parts of the WM8591 to be powered off
when not being used. Control bit ADCPD powers off the ADC. The stereo DAC has a separate
powerdown control bit, DACPD allowing the DAC to be powered off when not in use.
Setting ADCPD and DACPD will powerdown everything except the references VMID, REFN and
REFP. Setting PDWN will override all other powerdown control bits. It is recommended that ADCPD
and DACPD are set before setting PDWN. The default is for all blocks to be enabled.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
Sets ADCBCLK and DACBCLK rate in master mode
BCLK_RATE
BCLK Output Frequency
00
MCLK/4 (MCLK in DSP Mode)
01
MCLK/4 (MCLK in DSP Mode)
10
64fs
R28 (1Ch)
0011100
ADC/DAC Synchronization
3:2
BCLK_RATE
00
11
128fs
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
ZFLAG decode
DZFM
ZFLAGL
ZFLAGR
00
Zero flag disabled
Zero flag disabled
01
Left channel zero
Right channel zero
10
Both channel zero
Both channel zero
2:1
DZFM
10
11
Either channels zero
Either channel zero
ZFLAG polarity
ZFLAGPOL
ZFLAGL
ZFLAGR
0
Pin pulls low to indicate zero conidition,
high impedance otherwise
R9 (09h)
0001001
DAC Mute
4
ZFLAGPOL
0
1
Pin is high impedance when zero
condition detected, pulls low otherwise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com