Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8591 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8591
Description  24-bit, 192kHz Stereo CODEC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8591 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8591 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8591 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8591 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8591 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8591 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8591 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8591 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8591 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8591 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
w
WM8591
24-bit, 192kHz Stereo CODEC
WOLFSON MICROELECTRONICS plc
To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews/
Production Data, December 2005, Rev 4.0
Copyright
2005 Wolfson Microelectronics plc
DESCRIPTION
The WM8591 is a high performance, stereo audio CODEC with
single-ended inputs and differential outputs. It is ideal for
surround sound processing applications for home hi-fi, DVD-
RW and other audio visual equipment.
The stereo 24-bit multi-bit sigma delta ADC has programmable
gain with limiting control. Digital audio output word lengths from
16-32 bits and sampling rates from 32kHz to 96kHz are
supported.
A stereo multi-bit sigma delta DAC is used with digital audio
input word lengths from 16-32 bits and sampling rates from
32kHz to 192kHz.
The WM8591 supports fully independent sample rates for the
ADC and DAC. The audio data interface supports I
2S, left
justified, right justified and DSP formats.
The device is controlled in software via a 2-wire serial interface
which provides access to all features including volume controls,
mutes, and de-emphasis facilities. The device is available in a
28-lead SSOP package.
FEATURES
•
Audio Performance
−
110dB SNR (‘A’ weighted @ 48kHz) DAC
−
102dB SNR (‘A’ weighted @ 48kHz) ADC
•
DAC Sampling Frequency: 32kHz – 192kHz
•
ADC Sampling Frequency: 32kHz – 96kHz
•
Stereo ADC input analogue gain adjust from +24dB to –21dB in
0.5dB steps
•
ADC digital gain from -21.5dB to -103dB in 0.5dB steps
•
Programmable Limiter on ADC input.
•
Stereo DAC with differential analogue line outputs.
•
2-wire Serial Control Interface
•
Master or Slave Clocking Mode
•
Programmable Audio Data Interface Modes
−
I
2S, Left, Right Justified or DSP
−
16/20/24/32 bit Word Lengths
•
4.5V to 5.5V Analogue, 2.7V to 3.6V Digital supply Operation
•
28-lead SSOP Package
APPLICATIONS
BLOCK DIAGRAM
•
Surround Sound AV Processors and Hi-Fi systems
•
DVD-RW


Similar Part No. - WM8591

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8591 WOLFSON-WM8591 Datasheet
495Kb / 50P
24 BIT, 192 KHZ STEREO CODEC
WM8591GEDRV WOLFSON-WM8591GEDRV Datasheet
495Kb / 50P
24 BIT, 192 KHZ STEREO CODEC
WM8591GEDS WOLFSON-WM8591GEDS Datasheet
495Kb / 50P
24 BIT, 192 KHZ STEREO CODEC
WM8591GEDS/RV WOLFSON-WM8591GEDS/RV Datasheet
495Kb / 50P
24 BIT, 192 KHZ STEREO CODEC
WM8591GEDS/V WOLFSON-WM8591GEDS/V Datasheet
495Kb / 50P
24 BIT, 192 KHZ STEREO CODEC
More results

Similar Description - WM8591

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8778 WOLFSON-WM8778 Datasheet
498Kb / 50P
24 BIT 192KHZ STEREO CODEC
WM8569 WOLFSON-WM8569 Datasheet
417Kb / 36P
24-bit, 192kHz Stereo CODEC with Volume Control
WM8774 WOLFSON-WM8774 Datasheet
367Kb / 42P
24 - bit, 192kHz 8 - Channel Input Stereo Codec
WM8590 WOLFSON-WM8590 Datasheet
554Kb / 51P
24-bit, 192kHz Stereo CODEC
WM8569 WOLFSON-WM8569_06 Datasheet
449Kb / 36P
24-bit, 192kHz Stereo CODEC with Volume Control
WM8590 WOLFSON-WM8590_06 Datasheet
538Kb / 51P
24-bit, 192kHz Stereo CODEC
WM8778 WOLFSON-WM8778_05 Datasheet
528Kb / 50P
24-bit, 192kHz Stereo CODEC
WM8785 WOLFSON-WM8785_06 Datasheet
313Kb / 31P
24-Bit, 192kHz Stereo ADC
logo
Asahi Kasei Microsystem...
AK4621 AKM-AK4621 Datasheet
532Kb / 41P
24-Bit 192kHz Stereo Audio CODEC
AK4430ET AKM-AK4430ET Datasheet
365Kb / 18P
192kHz 24-Bit Stereo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com