Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8594 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8594
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8594 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8594 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8594 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8594 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8594 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8594 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8594 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8594 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8594 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8594 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 78 page
background image
w
WM8594
24-bit 192kHz 2Vrms Multi-Channel CODEC
WOLFSON MICROELECTRONICS plc
To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews/
Product Preview, January 2007, Rev 1.0
Copyright
©2007 Wolfson Microelectronics plc
DESCRIPTION
The WM8594 is a high performance multi-channel audio
CODEC with flexible input/output selection and digital and
analogue volume control. Features include a 24-bit stereo
ADC with digital gain control, two 24-bit DACs with
independent
digital
volume control,
and a
range
of
input/output channel selection options with analogue volume
control, for flexible routing within current and future audio
systems.
The WM8594 accepts five stereo audio inputs at line levels
up to 2Vrms. One stereo input can be routed to the ADC. All
inputs can be routed to the output.
The WM8594 outputs three stereo audio channels at line
levels up to 2Vrms, which can be selected from any of the
analogue inputs and DAC outputs. Additionally, one stereo
output is available with a headphone driver.
The DAC
channels include independent digital volume control, and all
three stereo output channels include analogue volume
control with soft ramp.
The WM8594 supports up to 2Vrms analogue inputs, 2Vrms
outputs, with sampling rates from 32kHz to 192kHz for the
DACs, and 32kHz to 96kHz for the ADC.
The WM8594 is ideal for audio applications requiring high
performance and flexible routing options, including flat panel
digital TV and DVD recorder.
The device is controlled via a serial interface with support
for 2-wire and 3-wire control with full readback. Control of
mute, powerdown and reset can also be achieved by pin
selection.
The WM8594 is available in a 48-lead TQFP package.
FEATURES
•
Multi-channel CODEC with 5 stereo input selector and 3
stereo output selector
•
4-channel DAC, 2-channel ADC
•
Five stereo 2Vrms stereo inputs with analogue bypass to
three stereo 2Vrms outputs
•
Stereo headphone driver
•
Audio performance
-
DAC: 100dB SNR typical (‘A’ weighted @ 48kHz)
-
DAC: -90dB THD typical
-
ADC: 100dB SNR typical (‘A’ weighted @ 48kHz)
-
ADC: -90dB THD typical
•
Independent sampling rates for ADC, DAC1 and DAC2
•
DACs sampling frequency 32kHz to 192kHz
•
ADC sampling frequency 32kHz to 96kHz
•
ADC digital gain control: +30dB to -97dB
•
DAC digital volume control: +12dB to -100dB
•
Analogue Volume control with soft ramp: +6dB to -73.5dB
•
All volume controls include zero cross detection to prevent
pops and clicks
•
2 and 3-wire serial control interface with readback and
hardware reset, mute and powerdown pins
•
Master or slave clocking modes
•
Programmable format audio data interface modes
-
I
2S, LJ, RJ, DSP
•
3.3V / 9V analogue, 3.3V digital supply operation
•
48-lead TQFP package
APPLICATIONS
•
Digital Flat Panel TV
•
DVD-RW


Similar Part No. - WM8594

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8590 WOLFSON-WM8590 Datasheet
554Kb / 51P
24-bit, 192kHz Stereo CODEC
WM8590 WOLFSON-WM8590 Datasheet
538Kb / 51P
24-bit, 192kHz Stereo CODEC
WM8590GEDS/RV WOLFSON-WM8590GEDS/RV Datasheet
554Kb / 51P
24-bit, 192kHz Stereo CODEC
WM8590GEDS/RV WOLFSON-WM8590GEDS/RV Datasheet
538Kb / 51P
24-bit, 192kHz Stereo CODEC
WM8590GEDS/V WOLFSON-WM8590GEDS/V Datasheet
554Kb / 51P
24-bit, 192kHz Stereo CODEC
More results

Similar Description - WM8594

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8778 WOLFSON-WM8778 Datasheet
498Kb / 50P
24 BIT 192KHZ STEREO CODEC
WM8771 WOLFSON-WM8771 Datasheet
339Kb / 44P
24-bit, 192kHz 8-Channel Codec
WM8590 WOLFSON-WM8590 Datasheet
554Kb / 51P
24-bit, 192kHz Stereo CODEC
WM8590 WOLFSON-WM8590_06 Datasheet
538Kb / 51P
24-bit, 192kHz Stereo CODEC
WM8591_051 WOLFSON-WM8591_051 Datasheet
535Kb / 51P
24-bit, 192kHz Stereo CODEC
WM8593 WOLFSON-WM8593_07 Datasheet
1,014Kb / 98P
24-bit 192kHz 2Vrms Multi-Channel CODEC
WM8599 WOLFSON-WM8599_06 Datasheet
760Kb / 74P
24-bit 192kHz 2Vrms Multi-Channel CODEC
WM8778 WOLFSON-WM8778_05 Datasheet
528Kb / 50P
24-bit, 192kHz Stereo CODEC
WM8595 WOLFSON-WM8595 Datasheet
804Kb / 82P
24-bit 192kHz 2Vrms Multi-Channel CODEC
logo
Cirrus Logic
WM8524 CIRRUS-WM8524 Datasheet
290Kb / 25P
24-bit 192kHz Stereo DAC with 2Vrms
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com