Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8711L Datasheet(PDF) 13 Page - Wolfson Microelectronics plc

Part # WM8711L
Description  Internet Audio DAC with Integrated Headphone Amplifier
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8711L Datasheet(HTML) 13 Page - Wolfson Microelectronics plc

Back Button WM8711L Datasheet HTML 9Page - Wolfson Microelectronics plc WM8711L Datasheet HTML 10Page - Wolfson Microelectronics plc WM8711L Datasheet HTML 11Page - Wolfson Microelectronics plc WM8711L Datasheet HTML 12Page - Wolfson Microelectronics plc WM8711L Datasheet HTML 13Page - Wolfson Microelectronics plc WM8711L Datasheet HTML 14Page - Wolfson Microelectronics plc WM8711L Datasheet HTML 15Page - Wolfson Microelectronics plc WM8711L Datasheet HTML 16Page - Wolfson Microelectronics plc WM8711L Datasheet HTML 17Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
Production Data
WM8711 / WM8711L
w
PD Rev 4.3 September 2006
13
MASTER CLOCK TIMING
MCLK
t
XTIL
t
XTIH
t
XTIY
Figure 1 System Clock Timing Requirements
Test Conditions
AVDD, HPVDD, DBVDD = 3.3V, AGND = 0V, DCVDD = 1.5V, DGND = 0V, TA = +25
oC, Slave Mode fs = 48kHz, MCLK = 256fs
unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
System Clock Timing Information
MCLK System clock pulse width
high
tXTIH
18
ns
MCLK System clock pulse width
low
tXTIL
18
ns
MCLK System clock cycle time
tXTIY
54
ns
MCLK Duty cycle
40:60
60:40
DIGITAL AUDIO INTERFACE – MASTER MODE
BCLK
(Output)
DACLRC
(Output)
DACDAT
t
DLT
t
DHT
t
DL
Figure 2 Digital Audio Data Timing - Master Mode
Test Conditions
AVDD, HPVDD, DVDD = 3.3V, AGND = 0V, DCVDD = 1.5V, DGND = 0V, TA = +25
oC, Slave Mode, fs = 48kHz, XTI/MCLK =
256fs unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Audio Data Input Timing Information
DACLRC propagation delay
from BCLK falling edge
tDL
0
10
ns
DACDAT setup time to
BCLCK rising edge
tDST
10
ns
DACDAT hold time from
BCLK rising edge
tDHT
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com