Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8711L Datasheet(PDF) 21 Page - Wolfson Microelectronics plc

Part # WM8711L
Description  Internet Audio DAC with Integrated Headphone Amplifier
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8711L Datasheet(HTML) 21 Page - Wolfson Microelectronics plc

Back Button WM8711L Datasheet HTML 17Page - Wolfson Microelectronics plc WM8711L Datasheet HTML 18Page - Wolfson Microelectronics plc WM8711L Datasheet HTML 19Page - Wolfson Microelectronics plc WM8711L Datasheet HTML 20Page - Wolfson Microelectronics plc WM8711L Datasheet HTML 21Page - Wolfson Microelectronics plc WM8711L Datasheet HTML 22Page - Wolfson Microelectronics plc WM8711L Datasheet HTML 23Page - Wolfson Microelectronics plc WM8711L Datasheet HTML 24Page - Wolfson Microelectronics plc WM8711L Datasheet HTML 25Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
Production Data
WM8711 / WM8711L
w
PD Rev 4.3 September 2006
21
The software control is given in Table 5.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
6:0
LHPVOL[6:0]
1111001
( 0dB )
Left Channel Headphone Output
Volume Control
1111111 = +6dB
. . 1dB steps down to
0110000 = -73dB
0000000 to 0101111 = MUTE
7
LZCEN
0
Left Channel Zero Cross detect
Enable
1 = Enable
0 = Disable
0000010
Left
Headphone
Out
8
LRHPBOTH
0
Left to Right Channel Headphone
Volume, Mute and Zero Cross Data
Load Control
1 = Enable Simultaneous Load of
LHPVOL[6:0] and LZCEN to
RHPVOL[6:0] and RZCEN
0 = Disable Simultaneous Load
6:0
RHPVOL[7:0]
1111001
( 0dB )
Right Channel Headphone Output
Volume Control
1111111 = +6dB
. . 1dB steps down to
0110000 = -73dB
0000000 to 0101111 = MUTE
7
RZCEN
0
Right Channel Zero Cross Detect
Enable
1 = Enable
0 = Disable
0000011
Right
Headphone
Out
8
RLHPBOTH
0
Right to Left Channel Headphone
Volume, Mute and Zero Cross Data
Load Control
1 = Enable Simultaneous Load of
RHPVOL[6:0] and RZCEN to
LHPVOL[6:0] and LZCEN
0 = Disable Simultaneous Load
Table 5 Headphone Output Software Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com