Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8711SEDS/R Datasheet(PDF) 35 Page - Wolfson Microelectronics plc

Part # WM8711SEDS/R
Description  Internet Audio DAC with Integrated Headphone Amplifier
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8711SEDS/R Datasheet(HTML) 35 Page - Wolfson Microelectronics plc

Back Button WM8711SEDS/R Datasheet HTML 31Page - Wolfson Microelectronics plc WM8711SEDS/R Datasheet HTML 32Page - Wolfson Microelectronics plc WM8711SEDS/R Datasheet HTML 33Page - Wolfson Microelectronics plc WM8711SEDS/R Datasheet HTML 34Page - Wolfson Microelectronics plc WM8711SEDS/R Datasheet HTML 35Page - Wolfson Microelectronics plc WM8711SEDS/R Datasheet HTML 36Page - Wolfson Microelectronics plc WM8711SEDS/R Datasheet HTML 37Page - Wolfson Microelectronics plc WM8711SEDS/R Datasheet HTML 38Page - Wolfson Microelectronics plc WM8711SEDS/R Datasheet HTML 39Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 47 page
background image
Production Data
WM8711 / WM8711L
w
PD Rev 4.3 September 2006
35
Once the WM8711/L has acknowledged a correct address, the controller will send eight data bits (bits
B[15]-B[8]). WM8711/L will then acknowledge the sent data by pulling SDIN low for one clock pulse.
The controller will then send the remaining eight data bits (bits B[7]-B[0]) and the WM8711/L will then
acknowledge again by pulling SDIN low.
A stop condition is defined when there is a low to high transition on SDIN while SCLK is high. If a start
or stop condition is detected out of sequence at any point in the data transfer then the device will
jump to the idle condition.
After receiving a complete address and data sequence the WM8711/L returns to the idle state and
waits for another start condition. Each write to a register requires the complete sequence of start
condition, device address and R/W bit followed by the 16 register address and data bits.
POWER DOWN MODES
The WM8711/L contains power conservation modes in which various circuit blocks may be safely
powered down in order to conserve power. This is software programmable as shown in the table
below.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
3
DACPD
1
DAC Power Down
1 = Enable Power Down
0 = Disable Power Down
4
OUTPD
1
Line Output Power Down
1 = Enable Power Down
0 = Disable Power Down
5
OSCPD
0
Oscillator Power Down
1 = Enable Power Down
0 = Disable Power Down
6
CLKOUTPD
0
CLKOUT Power Down
1 = Enable Power Down
0 = Disable Power Down
0000110
Power Down
Control
7
POWEROFF
1
Power Off Device
1 = Device Power Off
0 = Device Power On
Table 20 Power Conservation Modes Software Control
The power down control can be used to either a) permanently disable functions when not required in
certain applications or b) to dynamically power up and down functions depending on the operating
mode, e.g.: during playback or record. Please follow the special instructions below if dynamic
implementations are being used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com