Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8711SEDS/R Datasheet(PDF) 44 Page - Wolfson Microelectronics plc

Part # WM8711SEDS/R
Description  Internet Audio DAC with Integrated Headphone Amplifier
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8711SEDS/R Datasheet(HTML) 44 Page - Wolfson Microelectronics plc

Back Button WM8711SEDS/R Datasheet HTML 39Page - Wolfson Microelectronics plc WM8711SEDS/R Datasheet HTML 40Page - Wolfson Microelectronics plc WM8711SEDS/R Datasheet HTML 41Page - Wolfson Microelectronics plc WM8711SEDS/R Datasheet HTML 42Page - Wolfson Microelectronics plc WM8711SEDS/R Datasheet HTML 43Page - Wolfson Microelectronics plc WM8711SEDS/R Datasheet HTML 44Page - Wolfson Microelectronics plc WM8711SEDS/R Datasheet HTML 45Page - Wolfson Microelectronics plc WM8711SEDS/R Datasheet HTML 46Page - Wolfson Microelectronics plc WM8711SEDS/R Datasheet HTML 47Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 44 / 47 page
background image
Production Data
WM8711 / WM8711L
w
PD Rev 4.3 September 2006
44
RECOMMENDED EXTERNAL COMPONENTS
Figure 36 External Components Diagram
WM8711
DAC
RHPOUT
VMID
LOUT
+
47k
Ω
100
Ω
12
LHPOUT
+
47k
Ω
220
µF
9
AVDD
AGND
14
15
3.3V
HPVDD
HPGND
11
8
3.3V
ROUT
+
47k
Ω
100
Ω
13
+
47k
Ω
220
µF
10
0.1µF
10
µF
+
16
DACLRC
DACDAT
DBVDD
DCVDD
3.3V
DGND
1.5V - 3.3V
+
+
1
28
27
BCLK
3
Audio Serial Data
I/F
5
4
3-wire or 2-wire
MPU Interface
3-wire Interface
2-wire Interface
SDIN
23
CSB
22
SCLK
24
MODE
21
10
µF0.1µF
10k
Ω
3.3V
DGND
+
10
µF
+
0.1
µF
10µF
0.1
µF
10
µF
CLKOUT
100
Ω
2
Cp
Cp
26
25
XTI/MCLK
XTO
LLINEIN
RLINEIN
0.1
µF
1
µF
1
µF
Note
1. Where possible, it is recommended that NPO or COG type capacitors should be used for best performance.
2. *Ground Paddle only on QFN package.
3.
X
1 should have a CL of around 12pF and Cp should be around 15pF.
8711L Only
5.6k
Ω
+
20
VREF
5.6k Ω
+
19
VREF
1
µF
1
µF
X
1
*GND_PADDLE
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com