Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8740 Datasheet(PDF) 7 Page - Wolfson Microelectronics plc

Part # WM8740
Description  24-bit, High Performance 192kHz Stereo DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8740 Datasheet(HTML) 7 Page - Wolfson Microelectronics plc

Back Button WM8740 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 11Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
WM8740
Production Data
w
PD Rev 4.0 April 2004
7
Test Conditions
AVDD, DVDD = 5V, AGND, DGND = 0V, TA = +25
oC, fs = 48kHz, SCKI = 256fs unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Analogue Output Levels
Into 10k
Ω, full scale 0dB,
(5V supply)
2
VRMS
Output level differential
Into 10k
Ω, full scale 0dB,
(3.3V supply)
1.32
VRMS
To midrail or AC coupled
(5V supply)
1
k
Ω
Minimum resistance load
To midrail or AC coupled
(3.3V supply)
600
Ω
Maximum capacitance load
5V or 3.3V
100
pF
Output DC level
AVDD/2
V
Reference Levels
Potential divider resistance
AVDD to VMIDL/VMIDR and
VMIDL/VMIDR to AGND
10
k
Ω
Voltage at VMIDL/VMIDR
AVDD/2
POR (Power-On Reset)
POR threshold
2.2
V
Notes: 1.
Ratio of output level with 1kHz full scale input, to the output level with all zeros into the digital input, measured ‘A’
weighted over a 20Hz to 20kHz bandwidth.
2.
All performance measurements done with 20kHz low pass filter. Failure to use such a filter will result in higher
THD+N and lower SNR and Dynamic Range readings than are found in the Electrical Characteristics. The low
pass filter removes out of band noise; although it is not audible it may affect dynamic specification values.
BCKIN
DIN
LRCIN
t
BCH
t
BCL
t
BL
t
LB
t
BCY
t
DS
t
DH
Figure 1 Audio Data Input Timing
Test Conditions
AVDD, DVDD = 5V, AGND, DGND = 0V, TA = +25
oC, fs = 48kHz, SCKI = 256fs unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Audio Data Input Timing Information
BCKIN pulse cycle time
tBCY
100
ns
BCKIN pulse width high
tBCH
40
ns
BCKIN pulse width low
tBCL
40
ns
BCKIN rising edge to
LRCIN edge
tBL
20
ns
LRCIN rising edge to
BCKIN rising edge
tLB
20
ns
DIN setup time
tDS
20
ns
DIN hold time
tDH
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com