Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8740 Datasheet(PDF) 13 Page - Wolfson Microelectronics plc

Part # WM8740
Description  24-bit, High Performance 192kHz Stereo DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8740 Datasheet(HTML) 13 Page - Wolfson Microelectronics plc

Back Button WM8740 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 17Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
WM8740
Production Data
w
PD Rev 4.0 April 2004
13
REGISTER MAP
WM8740 controls the special functions using 4 program registers, which are 16-bits long. These
registers are all loaded through input pin MD/DM0. After the 16 data bits are clocked in, ML/I2S is
used to latch in the data to the appropriate register. Table 5 shows the complete mapping of the 4
registers. Note that in hardware differential mode and 8X modes, software control is not available.
The hardware differential mode (Diff[1:0]) clock loss detector disable (CDD) can only be accessed by
writing to M2[8:5] with the pattern 1111. Register M4 is then accessible by setting A[2:0] to 110.
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
M0
-
-
-
-
A2 (0) A1(0)
A0(0)
LDL
AL7
AL6
AL5
AL4
AL3
AL2
AL1
AL0
M1
-
-
-
-
A2(0)
A1(0)
A0(1)
LDR
AR7
AR6
AR5
AR4
AR3
AR2
AR1
AR0
M2
-
-
-
-
A2(0)
A1(1)
A0(0)
-
-
-
-
IW1
IW0
OPE
DEM
MUT
M3
-
-
-
-
A2(0)
A1(1)
A0(1)
IZD
SF1
SF0
-
REV
SR0
ATC
LRP
I
2S
M4
-
-
-
-
A2(1)
A1(1)
A0(0)
-
-
CDD
DIFF1 DIFF0
-
-
-
-
Table 5 Mapping of Program Registers
REGISTER
BITS
NAME
DEFAULT
DESCRIPTION
[7:0]
AL[7:0]
FF
Attenuation data for left channel.
0
8
LDL
0
Attenuation data load control for left channel.
[7:0]
AR[7:0]
FF
Attenuation data for right channel.
1
8
LDR
0
Attenuation data load control for right channel.
0
MUT
0
Left and right DACs soft mute control.
1
DEM
0
De-emphasis control.
2
OPE
0
Left and right DACs operation control.
2
[4:3]
IW[1:0]
0
Input audio data bit select.
0
I2S
0
Audio data format select.
1
LRP
0
Polarity of LRCIN select.
2
ATC
0
Attenuator control.
3
SR0
0
Digital filter slow roll-off select.
4
REV
0
Output phase reverse.
[7:6]
SF[1:0]
0
Sampling rate select.
3
8
IZD
0
Infinite zero detection circuit control.
[5:4]
DIFF
0
Differential output mode.
4
6
CDD
0
Clock loss detector disable.
Table 6 Register Bit Descriptions
DAC OUTPUT ATTENUATION
The level of attenuation for eight bit code X, is given by:
0.5
∗ (X - 255) dB, 1 ≤ X ≤ 255
-
∞dB (mute),
X = 0
Bit 8 in register 0 (LDL) is used to control the loading of attenuation data in B[7:0]. When LDL is set
to 0, attenuation data will be loaded into AL[7:0], but it will not affect the filter attenuation. LDR in
register 1 has the same function for right channel attenuation. Only when LDL or LDR is set to '1' will
the filter attenuation be updated. This permits left and right channel attenuation to be updated
simultaneously.
Attenuation level is controlled by AL[7:0] (left channel) or AR[7:0] (right channel). Attenuation levels
are given in Table 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com