Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8746 Datasheet(PDF) 23 Page - Wolfson Microelectronics plc

Part # WM8746
Description  24-bit, 192kHz 6-Channel DAC with Volume Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8746 Datasheet(HTML) 23 Page - Wolfson Microelectronics plc

Back Button WM8746 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 27Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
WM8746
Production Data
w
March 2006, PD Rev 4.0
23
REGISTER MAP
The complete register map is shown below. The detailed description can be found in the relevant text of the device description.
There are 9 registers with 9 bits per register. These can be controlled using the Control Interface.
A6
A5
A4
A3
A2
A1
A0
D8
D7
D6
D5
D4
D3
D2
D1
D0
M0
0
0
0
0
0
0
0
UPDATE
L0A7
L0A 6
L0A 5
L0A 4
L0A 3
L0A 2
L0A 1
L0A 0
M1
0
0
0
0
0
0
1
UPDATE
R0A7
R0A 6
R0A 5
R0A 4
R0A 3
R0A 2
R0A 1
R0A 0
M2
0
0
0
0
0
1
0
PL3
PL2
PL1
PL0
IZD
ATC
PDWN
DEEMPH
MUTE
M3
0
0
0
0
0
1
1
REV2
REV1
REV0
IWL1
IWL0
BCP
LRP
FMT1
FMT0
M4
0
0
0
0
1
0
0
UPDATE
L1A7
L1A 6
L1A 5
L1A 4
L1A 3
L1A 2
L1A 1
L1A 0
M5
0
0
0
0
1
0
1
UPDATE
R1A7
R1A 6
R1A 5
R1A 4
R1A 3
R1A 2
R1A 1
R1A 0
M6
0
0
0
0
1
1
0
UPDATE
L2A7
L2A 6
L2A 5
L2A 4
L2A 3
L2A 2
L2A 1
L2A 0
M7
0
0
0
0
1
1
1
UPDATE
R2A7
R2A 6
R2A 5
R2A 4
R2A 3
R2A 2
R2A 1
R2A 0
M8
0
0
0
1
0
0
0
UPDATE MASTA7 MASTA 6 MASTA 5 MASTA 4 MASTA 3 MASTA 2 MASTA 1 MASTA 0
M9
0
0
0
1
0
0
1
0
0
0
0
0
0
0
ZCD
2SPD
Table 12 Register Map
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
7:0
L0A[7:0]
11111111
(0dB)
Attenuation level of left channel DACL0 in 0.5dB steps, see Table 8.
0000000
Attenuation
DACL0
8
UPDATE
Not latched
Controls simultaneous update of all Attenuation Latches
0: Store DACL0 in intermediate latch (no change to output)
1: Store DACL0 and update attenuation on all channels.
7:0
R0A[7:0]
11111111
(0dB)
Attenuation level of left channel DACR0 in 0.5dB steps, see Table 8.
0000001
Attenuation
DACR0
8
UPDATE
Not latched
Controls simultaneous update of all Attenuation Latches
0: Store DACR0 in intermediate latch (no change to output)
1: Store DACR0 and update attenuation on all channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com