Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8746 Datasheet(PDF) 30 Page - Wolfson Microelectronics plc

Part # WM8746
Description  24-bit, 192kHz 6-Channel DAC with Volume Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8746 Datasheet(HTML) 30 Page - Wolfson Microelectronics plc

Back Button WM8746 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 32Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
WM8746
Production Data
w
March 2006, PD Rev 4.0
30
It is important that the supply pins are connected correctly. If AVDD1 and AVDD2 pins had both been
connected to the 10Ω resistor, the performance would be worse. The value of 10Ω is too high and will
cause an increase in THD. This is because currents drawn by AVDD1 will affect the reference
voltage on AVDD2. A full-scale output FFT plot will show increased harmonics, because the output
current drawn modulates the reference voltage.
4.7µF ceramic capacitors are becoming available in 0805 package with Y5V dielectric. Whilst they do
not have quite as good performance as 10µF, it is possible to use them instead. Their capacitance
goes down significantly with supply voltage, but at 3.3V (VDD) and 1.65V (CAP pin), the drop is not
too great, if a 10V-rated part is used. As they are already in a low-inductance package, the 0.1µF is
no longer necessary. See Figure 26 for an example.
Figure 26 Decoupling Example 2
RECOMMENDED ANALOGUE LOW-PASS FILTER (OPTIONAL)
+
_
+
+VS
-VS
10u
F
51
Ω
7.5K
Ω
680pF
1.8k
Ω
10k
Ω
4.7k
Ω
4.7k
Ω
1.0nF
Figure 27 Recommended Low Pass Filter (Optional)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com