Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8772SEDS/RV Datasheet(PDF) 54 Page - Wolfson Microelectronics plc

Part # WM8772SEDS/RV
Description  24-bit, 192kHz 6-Channel Codec with Volume Control
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8772SEDS/RV Datasheet(HTML) 54 Page - Wolfson Microelectronics plc

Back Button WM8772SEDS/RV Datasheet HTML 50Page - Wolfson Microelectronics plc WM8772SEDS/RV Datasheet HTML 51Page - Wolfson Microelectronics plc WM8772SEDS/RV Datasheet HTML 52Page - Wolfson Microelectronics plc WM8772SEDS/RV Datasheet HTML 53Page - Wolfson Microelectronics plc WM8772SEDS/RV Datasheet HTML 54Page - Wolfson Microelectronics plc WM8772SEDS/RV Datasheet HTML 55Page - Wolfson Microelectronics plc WM8772SEDS/RV Datasheet HTML 56Page - Wolfson Microelectronics plc WM8772SEDS/RV Datasheet HTML 57Page - Wolfson Microelectronics plc WM8772SEDS/RV Datasheet HTML 58Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 73 page
background image
WM8772EFT – 32 LEAD TQFP
Production Data
w
PD Rev 4.2 October 2005
54
I
2S MODE
In I
2S mode, the MSB of DIN1/2/3 is sampled by the WM8772EFT on the second rising edge of
BCLK following a DACLRC transition. The MSB of the ADC data is output on DOUT and changes on
the first falling edge of BCLK following an ADCLRC transition and may be sampled on the rising edge
of BCLK. ADCLRC and DACLRC are low during the left samples and high during the right samples.
LEFT CHANNEL
RIGHT CHANNEL
DACLRC/
ADCLRC
DACBCLK/
ADCBCLK
DIN1/2/3/
DOUT
1/fs
n
3
2
1
n-2 n-1
LSB
MSB
n
3
2
1
n-2 n-1
LSB
MSB
1 BCLK
1 BCLK
Figure 49 I
2S Mode Timing Diagram
DSP MODE A
In DSP mode A, the MSB of DAC channel 1 left data is sampled by the WM8772EFT on the second
rising edge on DACBCLK following a DACLRC rising edge. DAC channel 1 right and DAC channels 2
and 3 data follow DAC channel 1 left data (Figure 50).
Figure 50 DSP Mode Audio Interface - Mode A Slave, DAC
DACLRC
DACBCLK
DIN1
Input Word Length (IWL)
1/fs
CHANNEL 1
LEFT
n
2
1
n-1
LSB
MSB
n
2
1
n-1
CHANNEL 1
RIGHT
2
1
CHANNEL 2
LEFT
n
n-1
CHANNEL 3
RIGHT
NO VALID DATA
1 BCLK
1 BCLK
Figure 51 DSP Mode Audio Interface - Mode A Master, DAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com