Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8772SEDS/RV Datasheet(PDF) 14 Page - Wolfson Microelectronics plc

Part # WM8772SEDS/RV
Description  24-bit, 192kHz 6-Channel Codec with Volume Control
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8772SEDS/RV Datasheet(HTML) 14 Page - Wolfson Microelectronics plc

Back Button WM8772SEDS/RV Datasheet HTML 10Page - Wolfson Microelectronics plc WM8772SEDS/RV Datasheet HTML 11Page - Wolfson Microelectronics plc WM8772SEDS/RV Datasheet HTML 12Page - Wolfson Microelectronics plc WM8772SEDS/RV Datasheet HTML 13Page - Wolfson Microelectronics plc WM8772SEDS/RV Datasheet HTML 14Page - Wolfson Microelectronics plc WM8772SEDS/RV Datasheet HTML 15Page - Wolfson Microelectronics plc WM8772SEDS/RV Datasheet HTML 16Page - Wolfson Microelectronics plc WM8772SEDS/RV Datasheet HTML 17Page - Wolfson Microelectronics plc WM8772SEDS/RV Datasheet HTML 18Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 73 page
background image
WM8772
Production Data
w
PD Rev 4.2 October 2005
14
ADC FILTER RESPONSES
-80
-60
-40
-20
0
0
0.5
1
1.5
2
2.5
3
Frequency (Fs)
-0.02
-0.015
-0.01
-0.005
0
0.005
0.01
0.015
0.02
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
Frequency (Fs)
Figure 5 ADC Digital Filter Frequency Response
Figure 6 ADC Digital Filter Ripple
ADC HIGH PASS FILTER
The WM8772EDS has a selectable digital high pass filter to remove DC offsets. The filter response is characterised by the
following polynomial.
1
1
9995
.
0
1
1
)
(
−
−
−
−
=
z
z
z
H
DIGITAL DE-EMPHASIS CHARACTERISTICS
-10
-8
-6
-4
-2
0
0
2
4
6
8
10
12
14
16
Frequency (kHz)
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
0
2
4
6
8
10
12
14
16
Frequency (kHz)
Figure 7 De-Emphasis Frequency Response (32kHz)
Figure 8 De-Emphasis Error (32KHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com