Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8778SEDS/R Datasheet(PDF) 12 Page - Wolfson Microelectronics plc

Part # WM8778SEDS/R
Description  24-bit, 192kHz Stereo CODEC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8778SEDS/R Datasheet(HTML) 12 Page - Wolfson Microelectronics plc

Back Button WM8778SEDS/R Datasheet HTML 8Page - Wolfson Microelectronics plc WM8778SEDS/R Datasheet HTML 9Page - Wolfson Microelectronics plc WM8778SEDS/R Datasheet HTML 10Page - Wolfson Microelectronics plc WM8778SEDS/R Datasheet HTML 11Page - Wolfson Microelectronics plc WM8778SEDS/R Datasheet HTML 12Page - Wolfson Microelectronics plc WM8778SEDS/R Datasheet HTML 13Page - Wolfson Microelectronics plc WM8778SEDS/R Datasheet HTML 14Page - Wolfson Microelectronics plc WM8778SEDS/R Datasheet HTML 15Page - Wolfson Microelectronics plc WM8778SEDS/R Datasheet HTML 16Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 50 page
background image
WM8778
Production Data
w
PD Rev 4.0 April 2005
12
CONTROL INTERFACE TIMING – 2-WIRE MODE
t
3
t
1
t
6
t
9
t
2
t
5
t
7
t
3
t
4
t
8
DI
CL
Figure 7 Control Interface Timing – 2-Wire Serial Control Mode (MODE=0)
Test Conditions
AVDD = 5V, DVDD = 3.3V, AGND, DGND = 0V, TA = +25
oC, fs = 48kHz, MCLK = 256fs unless otherwise stated
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Program Register Input Information
CL Frequency
0
526
kHz
CL Low Pulse-Width
t1
1.3
us
CL High Pulse-Width
t2
600
ns
Hold Time (Start Condition)
t3
600
ns
Setup Time (Start Condition)
t4
600
ns
Data Setup Time
t5
100
ns
DI, CL Rise Time
t6
300
ns
DI, CL Fall Time
t7
300
ns
Setup Time (Stop Condition)
t8
600
ns
Data Hold Time
t9
900
ns
Pulse width of spikes that will be suppressed
tps
0
5
ns
Table 5 2-wire Control Interface Timing Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com