Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8778SEDS/R Datasheet(PDF) 23 Page - Wolfson Microelectronics plc

Part # WM8778SEDS/R
Description  24-bit, 192kHz Stereo CODEC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8778SEDS/R Datasheet(HTML) 23 Page - Wolfson Microelectronics plc

Back Button WM8778SEDS/R Datasheet HTML 19Page - Wolfson Microelectronics plc WM8778SEDS/R Datasheet HTML 20Page - Wolfson Microelectronics plc WM8778SEDS/R Datasheet HTML 21Page - Wolfson Microelectronics plc WM8778SEDS/R Datasheet HTML 22Page - Wolfson Microelectronics plc WM8778SEDS/R Datasheet HTML 23Page - Wolfson Microelectronics plc WM8778SEDS/R Datasheet HTML 24Page - Wolfson Microelectronics plc WM8778SEDS/R Datasheet HTML 25Page - Wolfson Microelectronics plc WM8778SEDS/R Datasheet HTML 26Page - Wolfson Microelectronics plc WM8778SEDS/R Datasheet HTML 27Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 50 page
background image
Production Data
WM8778
w
PD Rev 4.0 April 2005
23
The transfer of data is complete when there is a low to high transition on DI while CL is high. After
receiving a complete address and data sequence the WM8778 returns to the idle state and waits for
another start condition. If a start or stop condition is detected out of sequence at any point during
data transfer (i.e. DI changes while CL is high), the device jumps to the idle condition.
Figure 21 2-wire Serial Interface
1.
B[15:9] are Control Address Bits
2.
B[8:0] are Control Data Bits
The WM8778 has two possible device addresses, which can be selected using the CE pin.
CE STATE
DEVICE ADDRESS
Low
0011010 (0 x 34h)
High
0011011 (0 x 36h)
Table 11 2-Wire MPU Interface Address Selection
HARDWARE MODE
Hardware mode is selected by applying a midrail voltage to the MODE pin, or by leaving it floating.
The circuit detects this condition and enables hardware mode. This allows limited control of the
internal functions using the three inputs CE, CL and DI. The table below gives a summary of the use
of each pin in hardware mode.
PIN NAME
FUNCTION
DESCRIPTION
CE\I2S
Interface Mode select
0 : Right Justified
1 : I
2S
CL\IWL
Interface Wordlength select
0 : 20 bit (RJ), 16 bit (I
2S)
1 : 24 bit
DI\DEEMPH
De-emphasis on/off
0 : De-emphasis disabled
1 : De-emphasis enabled
Table 12 Hardware Mode Functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com