Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8955LSEFL/R Datasheet(PDF) 39 Page - Wolfson Microelectronics plc

Part # WM8955LSEFL/R
Description  Stereo DAC For Portable Audio Applications
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8955LSEFL/R Datasheet(HTML) 39 Page - Wolfson Microelectronics plc

Back Button WM8955LSEFL/R Datasheet HTML 35Page - Wolfson Microelectronics plc WM8955LSEFL/R Datasheet HTML 36Page - Wolfson Microelectronics plc WM8955LSEFL/R Datasheet HTML 37Page - Wolfson Microelectronics plc WM8955LSEFL/R Datasheet HTML 38Page - Wolfson Microelectronics plc WM8955LSEFL/R Datasheet HTML 39Page - Wolfson Microelectronics plc WM8955LSEFL/R Datasheet HTML 40Page - Wolfson Microelectronics plc WM8955LSEFL/R Datasheet HTML 41Page - Wolfson Microelectronics plc WM8955LSEFL/R Datasheet HTML 42Page - Wolfson Microelectronics plc WM8955LSEFL/R Datasheet HTML 43Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
Production Data
WM8955L
w
PD Rev 4.2 March 2006
39
REGISTER MAP
REGISTER
ADDRESS (BIT 15 – 9)
REMARKS
BIT8
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
R0 (00h)
0000000
Reserved
000000000
R1 (01h)
0000001
Reserved
000000000
R2 (02h)
0000010
LOUT1
LO1VU
LO1ZC
LOUT1VOL
R3 (03h)
0000011
ROUT1
RO1VU
RO1ZC
ROUT1VOL
R4 (04h)
0000100
Reserved
000000000
R5 (05h)
0000101
DAC Control
0
DAT
0
0
0
DACMU
DEEMPH
0
R6 (06h)
0000110
Reserved
000000000
R7 (07h)
0000111
Audio Interface
0
BCLKINV
MS
LRSWAP
LRP
WL
FORMAT
R8 (08h)
0001000
Sample Rates
CLKOUT
DIV2
BCLK
DIV2
MCLK
DIV2
SR
USB
R9 (09h)
0001001
Reserved
000000000
R10 (0Ah)
0001010
Left Gain
LDVU
LDACVOL (Right DAC Digital Volume)
R11 (0Bh)
0001011
Right Gain
RDVU
RDACVOL (Right DAC Digital Volume)
R12
(0Ch)
0001100
Bass
0
BB
BC
0
0
BASS (Bass Intensity)
R13
(0Dh)
0001101
Treble
0
0
TC
0
0
TRBL (Treble Intensity)
R14 (0Eh)
0001110
TBD
000000000
R15 (0Fh)
0001111
Reset
writing 000000000 to this register resets all registers to their default state
R16 –
R22
Reserved
000000
R23 (17h)
0010111
Additional (1)
TSDEN
VSEL
DMONOMIX
0
0
DACINV
TOEN
R24 (18h)
0011000
Additional (2)
OUT3SW
HPSWEN
HPSWPOL ROUT2INV
HPSWZC
0
0
DACOSR
R25 (19h)
0011001
Pwr Mgmt (1)
VMIDSEL
VREF
0
0
0
0
0
DIGENB
R26 (1Ah)
0011010
Pwr Mgmt (2)
DACL
DACR
LOUT1
ROUT1
LOUT2
ROUT2
MOUT
OUT3
0
R27 (1Bh)
0011011
Additional (3)
0
0
VROI
0
0
0
0
0
0
R28 –
R33
Reserved
R34 (22h)
0100010
Left Mix (1)
LD2LO
LI2LO
LI2LOVOL
0
0
0
0
R35 (23h)
0100011
Left Mix (2)
RD2LO
MI2LO
MI2LOVOL
0
0
0
0
R36 (24h)
0100100
Right Mix (1)
LD2RO
MI2RO
MI2ROVOL
0
0
0
0
R37 (25h)
0100101
Right Mix (2)
RD2RO
RI2RO
RI2ROVOL
0
0
0
0
R38 (26h)
0100110
Mono Mix (1)
LD2MO
LI2MO
LI2MOVOL
0
0
0
DMEN
R39 (27h)
0100111
Mono Mix (2)
RD2MO
RI2MO
RI2MOVOL
0
0
0
0
R40 (28h)
0101000
LOUT2
LO2VU
LO2ZC
LOUT2VOL
R41 (29h)
0101001
ROUT2
RO2VU
RO2ZC
ROUT2VOL
R42 (2Ah)
0101010
MONOOUT
0
MOZC
MONOOUTVOL
R43 (2Bh)
0101011
Clocking / PLL
MCLKSEL
CLKOUT
EN
CLKOUT
SEL
PLLOUT
DIV2
PLL_RB
PLLEN
0
0
0
R44
(2Ch)
0101100
PLL Control (1)
N
0
K [21:18]
R45
(2Dh)
0101101
PLL Control (2)
K [17:9]
R46 (2Eh)
0101110
PLL Control (3)
K [8:0]
R59 (3Bh)
0111011
PLL Control (4)
0
KEN
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com