Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8955LSEFL/R Datasheet(PDF) 44 Page - Wolfson Microelectronics plc

Part # WM8955LSEFL/R
Description  Stereo DAC For Portable Audio Applications
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8955LSEFL/R Datasheet(HTML) 44 Page - Wolfson Microelectronics plc

Back Button WM8955LSEFL/R Datasheet HTML 38Page - Wolfson Microelectronics plc WM8955LSEFL/R Datasheet HTML 39Page - Wolfson Microelectronics plc WM8955LSEFL/R Datasheet HTML 40Page - Wolfson Microelectronics plc WM8955LSEFL/R Datasheet HTML 41Page - Wolfson Microelectronics plc WM8955LSEFL/R Datasheet HTML 42Page - Wolfson Microelectronics plc WM8955LSEFL/R Datasheet HTML 43Page - Wolfson Microelectronics plc WM8955LSEFL/R Datasheet HTML 44Page - Wolfson Microelectronics plc WM8955LSEFL/R Datasheet HTML 45Page - Wolfson Microelectronics plc WM8955LSEFL/R Datasheet HTML 46Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 44 / 46 page
background image
WM8955L
Production Data
w
PD Rev 4.2 March 2006
44
HEADPHONE OUTPUT CONFIGURATION
The analogue outputs LOUT1/ROUT1, LOUT2/ROUT2, and OUT3 can drive a 16
Ω or 32Ω
headphone load, either through DC blocking capacitors, or DC coupled without any capacitor.
Headphone Output using DC blocking capacitors
DC Coupled Headphone Output
(OUT3SW = 00)
WM8955L
C2 220uF
LOUT1
ROUT1
HPGND = 0V
C1 220uF
WM8955L
HPDCEN = 1
LOUT1
ROUT1
HPDC = AVDD/2
Figure 32 Recommended Headphone Output Configurations
When DC blocking capacitors are used, then their capacitance and the load resistance together
determine the lower cut-off frequency, fc. Increasing the capacitance lowers fc, improving the bass
response. Smaller capacitance values will diminish the bass response. Assuming a 16
Ω load and C1
= 220
µF:
fc = 1 / 2
π RLC1 = 1 / (2π x 16Ω x 220µF) = 45 Hz
In the DC coupled configuration, the headphone “ground” is connected to the OUT3 pin, which must
be enabled by setting OUT3 = 1 and OUT3SW = 00. As the OUT3 pin produces a DC voltage of
AVDD/2 (=VREF), there is no DC offset between LOUT1/ROUT1 and OUT3, and therefore no DC
blocking capacitors are required. This saves space and material cost in portable applications.
It is recommended to connect the DC coupled headphone outputs only to headphones, and not to
the line input of another device. Although the built-in short circuit protection will prevent any damage
to the headphone outputs, such a connection may be noisy, and may not function properly if the
other device is grounded.
SPEAKER OUTPUT CONFIGURATION
LOUT2 and ROUT2 can differentially drive a mono 8
Ω speaker as shown below.
LOUT2
ROUT2
WM8955L
ROUT2INV = 1
V
SPKR = L-(-R) = L+R
-1
LEFT
MIXER
RIGHT
MIXER
ROUT2VOL
LOUT2VOL
Figure 33 Speaker Output Connection
The right channel is inverted by setting the ROUT2INV bit, so that the signal across the loudspeaker
is the sum of left and right channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com