Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8985GEFL Datasheet(PDF) 73 Page - Wolfson Microelectronics plc

Part # WM8985GEFL
Description  Multimedia CODEC With Class D Headphone and Line Out
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8985GEFL Datasheet(HTML) 73 Page - Wolfson Microelectronics plc

Back Button WM8985GEFL Datasheet HTML 69Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 70Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 71Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 72Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 73Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 74Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 75Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 76Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 77Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 118 page
background image
Pre-Production
WM8985
w
PP, Rev 3.5, January 2007
73
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R49 (31h)
0
VROI
0
VREF (AVDD1/2) to analogue output
resistance
0 = approx 1k
Ω
1 = approx 30 k
Ω
Table 41 Disabled Outputs to VREF Resistance
A dedicated buffer is available for biasing unused analogue I/O pins as shown in Figure 30. This
buffer can be enabled using the BUFIOEN register bit.
Figure 30 summarises the bias options for the output pins.
AVDD/2
-
+
AVDD/2
Used to tie off all unused
inputs and outputs
BUFIOEN
R1[2]
Analogue inputs
LOUT2
ROUT2
OUT3
1k
30k
VROI
R49[0]
1k
30k
VROI
R49[0]
1k
30k
VROI
R49[0]
OUT4
1k
30k
VROI
R49[0]
LOUT1
1k
30k
VROI
R49[0]
ROUT1
1k
30k
VROI
R49[0]
Figure 30 Unused Input/Output Pin Tie-off Buffers
L/ROUT2EN/
OUT3/4EN
VROI
OUTPUT CONFIGURATION
0
0
1kΩ to AVDD1/2
0
1
30kΩ to AVDD1/2
1
X
Output enabled (DC level=AVDD1/2)
Table 42 Unused Output Pin Bias Options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com