Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8985GEFL Datasheet(PDF) 9 Page - Wolfson Microelectronics plc

Part # WM8985GEFL
Description  Multimedia CODEC With Class D Headphone and Line Out
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8985GEFL Datasheet(HTML) 9 Page - Wolfson Microelectronics plc

Back Button WM8985GEFL Datasheet HTML 5Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 6Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 7Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 8Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 9Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 10Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 11Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 12Page - Wolfson Microelectronics plc WM8985GEFL Datasheet HTML 13Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 118 page
background image
Pre-Production
WM8985
w
PP, Rev 3.5, January 2007
9
Test Conditions
DCVDD=1.8V, AVDD1=AVDD2=DBVDD=3.3V, TA = +25
oC, 1kHz signal, fs = 48kHz, 24-bit audio data unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Auxiliary Analogue Inputs (AUXL, AUXR)
Full-scale Input Signal Level
2
AVDD/3.3
Vrms
Left Input boost and mixer
enabled, at +6dB
11
k
Ω
Left Input boost and mixer
enabled, at 0dB gain
22
k
Ω
Left Input boost and mixer
enabled, at -12dB gain
60
k
Ω
Right Input boost, mixer
enabled, at +6dB gain
11
k
Ω
Right Input boost, mixer
enabled, at 0dB gain
22
k
Ω
Input Resistance
Right Input boost, mixer
enabled, at -12dB gain
60
k
Ω
Input Capacitance
All analogue Inputs
10
pF
Gain range from AUXL and AUXR
input to left and right input PGA
mixers
Gain adjusted by
AUXL2BOOSTVOL and
AUXR2BOOSTVOL
-12
+6
dB
AUXLBOOSTVOL and
AUXRBOOSTVOL step size
3
dB
L2, R2 Line Input Programmable Gain
Gain range from L2/R2 input to left
and right input PGA mixers
Gain adjusted by
L2_2BOOSTVOL and
R2_2BOOSTVOL
-12
+6
dB
L2/R2_2BOOSTVOL step size
3
dB
L2/R2_2BOOSTVOL mute
attenuation
100
dB
OUT4 to left or right input boost record path
Gain range into left and right input
PGA mixers
Gain adjusted by
OUT4_2ADCVOL
-6
+12
dB
OUT4_2ADCVOL gain step size
3
dB
OUT4_2ADCVOL mute attenuation
100
dB
Analogue to Digital Converter (ADC) - Input from LIN/P and RIN/P in differential configuration to input PGA
INPPGAVOLL, INPPGAVOLR, PGABOOSTL, PGABOOSTR, ADCLVOL and ADCRVOL = 0dB
A-weighted
AVDD1=AVDD2=3.3V
92.5
dB
A-weighted
AVDD1=AVDD2=2.5V
91.5
dB
22Hz to 20kHz
AVDD1=AVDD2=3.3V
90
dB
Signal to Noise Ratio 3
SNR
22Hz to 20kHz
AVDD1=AVDD2=2.5V
90
dB
-7dBV Input
AVDD1=AVDD2=3.3V
-75
-70
dB
Total Harmonic Distortion 4
THD
-7dBV Input
AVDD1=AVDD2=2.5V
-75
dB
-7dBV Input
AVDD1=AVDD2=3.3V
-72
-68
dB
Total Harmonic Distortion + Noise 5
THD+N
-7dBV Input
AVDD1=AVDD2=2.5V
-72
dB
Channel Separation 6
1kHz full scale input signal
100
dB
Analogue to Digital Converter (ADC) - Input from L2, R2 into left and right PGA mixer. INPPGAVOLL, INPPGAVOLR,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com