Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9711LGEFL/V Datasheet(PDF) 39 Page - Wolfson Microelectronics plc

Part # WM9711LGEFL/V
Description  Low Power Audio CODEC for Portable Applications
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9711LGEFL/V Datasheet(HTML) 39 Page - Wolfson Microelectronics plc

Back Button WM9711LGEFL/V Datasheet HTML 35Page - Wolfson Microelectronics plc WM9711LGEFL/V Datasheet HTML 36Page - Wolfson Microelectronics plc WM9711LGEFL/V Datasheet HTML 37Page - Wolfson Microelectronics plc WM9711LGEFL/V Datasheet HTML 38Page - Wolfson Microelectronics plc WM9711LGEFL/V Datasheet HTML 39Page - Wolfson Microelectronics plc WM9711LGEFL/V Datasheet HTML 40Page - Wolfson Microelectronics plc WM9711LGEFL/V Datasheet HTML 41Page - Wolfson Microelectronics plc WM9711LGEFL/V Datasheet HTML 42Page - Wolfson Microelectronics plc WM9711LGEFL/V Datasheet HTML 43Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 65 page
background image
Production Data
WM9711L
w
PD Rev 4.3 August 2006
39
COMP1
COMP2
+
-
-
+
V
REF
GPIO2/
IRQ
GPIO
PINS
DEAD
BAT
LOW
BAT
GPIO /
INTERRUPT
LOGIC
C
R2
R3
R1
V
BATT
WM9711L
I
ALARM
VOLTAGE
REGULATOR
AVDD, DCVDD, ...
Figure 6 Battery Alarm Example Schematic
The typical schematic for a dual threshold battery alarm is shown above. This alarm has two
thresholds, “dead battery” (COMP1) and “low battery” (COMP2). R1, R2 and R3 set the threshold
voltages. Their values can be up to about 1M
Ω in order to keep the battery current [IALARM = VBATT /
(R1+R2+R3)] to a minimum (higher resistor values may affect the accuracy of the system as leakage
currents into the input pins become significant).
•
Dead battery alarm: COMP1 triggers when VBATT < VREF
× (R1+R2+R3) / (R2+R3)
A dead battery alarm is the highest priority of interrupt in the system. It should immediately save all
unsaved data and shut down the system. The GP15, GS15 and GW15 bits must be set to generate
this interrupt.
•
Low battery alarm: COMP2 triggers when VBATT < VREF
× (R1+R2+R3) / R3
A low battery alarm has a lower priority than a dead battery alarm. Since the threshold voltage is
higher than for a dead battery alarm, there is enough power left in the battery to give the user a
warning and/or shut down “gracefully”. When VBATT gets close to the low battery threshold, spurious
alarms are filtered out by the COMP2 delay function.
The purpose of the capacitor C is to remove from the comparator inputs any high frequency noise or
glitches that may be present on the battery (for example, noise generated by a charge pump). It
forms a low pass filter with R1, R2 and R3.
•
Low pass cutoff fc [Hz] = 1/ (2
π C × (R1 || (R2+R3)))
Provided that the cutoff frequency is several orders of magnitude lower than the noise frequency fn,
this simple circuit can achieve excellent noise rejection.
•
Noise rejection [dB] = 20 log (fn / fc)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com