Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9711LGEFL/V Datasheet(PDF) 13 Page - Wolfson Microelectronics plc

Part # WM9711LGEFL/V
Description  Low Power Audio CODEC for Portable Applications
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9711LGEFL/V Datasheet(HTML) 13 Page - Wolfson Microelectronics plc

Back Button WM9711LGEFL/V Datasheet HTML 9Page - Wolfson Microelectronics plc WM9711LGEFL/V Datasheet HTML 10Page - Wolfson Microelectronics plc WM9711LGEFL/V Datasheet HTML 11Page - Wolfson Microelectronics plc WM9711LGEFL/V Datasheet HTML 12Page - Wolfson Microelectronics plc WM9711LGEFL/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM9711LGEFL/V Datasheet HTML 14Page - Wolfson Microelectronics plc WM9711LGEFL/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM9711LGEFL/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM9711LGEFL/V Datasheet HTML 17Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 65 page
background image
Production Data
WM9711L
w
PD Rev 4.3 August 2006
13
AUDIO PATHS OVERVIEW
LINEL PGA
L
LOUT2
Pin 35
MONOOUT
Pin 33
R
ROUT2
Pin 36
OUT3
Pin 37
LINER
MICR
DACR
LINER
MICR
DACR
PHONE
PCBEEP
MONOMIX
PHONE
PCBEEP
MONOMIX
MICL
MICL
ALCL
ALCR
ALCL
ALCR
Left Channel
18 Bit ADC
Variable Slot
5C:1-0 (ASS)
5C:3 (HPF)
5C:4 (ADCO)
ALC:5Ch/60h/62h
12 Bit Resistor
string DAC
2Eh/64h/12h:0(EN)
AUXDAC
AUXDAC
SPKRMIX
SPKRMIX
FROM
LINEL
PGA
FROM
DACL
to SPKR MIXER
to SPKR MIXER
Left Channel
18 Bit DAC
18h:12-8
00000 = +12dB
11111 = -34.5dB
headphone
mixer L
18
h:1
5
10
h:1
5
0Ah:1
5-12
Phone
Mixer
18h
:13
0Ah7:4
1A
h:
13
-1
1
10h:12-8
00000 = +12dB
11111 = -34.5dB
0Ch:0-4
00000 = +12dB
11111 = -34.5dB
0Eh:12-8
00000 = +12dB
11111 = -34.5dB
1Ah:
10-8
1Ah:14
0 = 0dB
1 = 20dB
18h:4-0
00000 = +12dB
11111 = -34.5dB
10h:5-0
00000 = +12dB
11111 = -34.5dB
0Eh:5-0
00000 = +12dB
11111 = -34.5dB
headphone
mixer R
0Ah:1
5-12
Speaker
Mixer
10
h:1
4
18h
:14
0Ch:14
0Ah
:11-8
Right Channel
18 Bit ADC
Variable Slot
5C:1-0 (ASS)
5C:3 (HPF)
5C:4 (ADCO)
1Ah:
2-0
Zero-
cross
detect
02h:12-8
00000 = 0dB
11111 = -46.5dB
Zero-
cross
detect
04h:12-8
00000 = 0dB
11111 = -46.5dB
HPOUTL
Pin 39
Zero-
cross
detect
06h:4-0
00000 = 0dB
11111 = -46.5dB
Zero-
cross
detect
16h:4-0
00000 = 0dB
11111 = -46.5dB
Zero-
cross
detect
04h:4-0
00000 = 0dB
11111 = -46.5dB
HPOUTR
Pin 41
Zero-
cross
detect
02h:4-0
00000 = 0dB
11111 = -46.5dB
0dB / 20dB
OEh:6-5 (MS)
ALC:5Ch/60h/62h
0Eh:6-5
(MS)
5Ch:8 (DS)
02h:6 (INV)
02h:7 (ZC)
02h:15 (MUTE)
04h:7 (ZC)
04h:15 (MUTE)
06h:7 (ZC)
06h:15 (MUTE)
16h:7 (ZC)
16h:15 (MUTE)
04h:7 (ZC)
04h:15 (MUTE)
02h:7 (ZC)
02h:15 (MUTE)
16h:10-9
(OUT3SRC)
16h:8 (SRC)
1Ah:14
0 = 0dB
1 = 20dB
1Ch:6 (GRR=1)
1Ch:5-0
11111 = +30dB
00000 = -17.25dB
1Ch:6 (GRR=0)
1Ch:3:0
0000 = 0db
1111 = +22.5dB
1Ch:6 (GRL=1)
1Ch:13-8
11111 = +30dB
00000 = -17.25dB
1Ch:13 (GRL=0)
1Ch:11:8
0000 = 0db
1111 = +22.5dB
Slot 3
Tone and 3D
08h / 22h /
20h:13 (3DE)
Slot 4
Tone and 3D
08h / 22h /
20h:13 (3DE)
AC Link
AC Link
AC Link
PCM
PGA
PCM
PGA
ADC
PGA
ADC
PGA
PHONE PGA
MICL PGA
LINER PGA
MICR PGA
Right Channel
18 Bit DAC
L Line Volume
R Line Volume
L Headphone Volume
R Headphone Volume
Mono Volume
OUT3 Volume
500k
500k
50k
50k
PR3 (REF disable) &
58h:10 (SVD)
3.6k
4.5k
10
h:1
3
0C
h:1
5
0C
h:1
5
6dB -> -15dB
6dB -> -15dB
6dB -> -15dB
6dB -> -15dB
6dB -> -15dB
18h:1
3
18
h:1
5
18h:1
4
10
h:1
3
10
h:1
5
10
h1
4
14h:
15-1
2
0E
h:1
3+
7
14h:
15-1
2
14
h:1
1-7
14
h:1
1-8
14
h:
11
-7
14
h:
11
-8
12
h:
15
-1
2
12
h:
15
-1
2
12
h:1
1-8
6dB -> -15dB
6dB -> -15dB
0dB / 20dB
6dB -> -15dB
6dB -> -15dB
6dB -> -15dB
6dB -> -15dB
0dB / 20dB
6dB -> -15dB
6dB -> -15dB
6dB -> -15dB
6dB -> -15dB
16h:8 (SRC)
1
0
1
0
1Ch:15 (Mute)
Gain Ranges:
Gain Ranges:
1Ch:15 (Mute)
14h:15-12
0Eh:
14+7
14h:15-12
1
0
ADC Left
20h:7
(Loopback)
AC Link
1
0
ADC Right
20h:7
(Loopback)
6dB -> -15dB
0dB / 20dB
0
1
MICBIAS
Pin 28
LINEINL
Pin 23
PCBEEP
Pin 19
PHONE
Pin 20
MIC1
Pin 21
LINEINR
Pin 24
MIC2
Pin 22
AVDD
Pin 25
VREF
Pin 27
AGND
Pin 24
CAP2
Pin 32
(1Ah[10:8] = 000) & (MS = 00 or 11)
1Ah[10:8] = 011
1Ah[10:8] = 100
1Ah[10:8] = 101
1Ah[10:8] = 110
1Ah[10:8] = 111
(1Ah[10:8] = 000) & (MS = 10)
(1Ah[10:8] = 000) & (MS = 01)
1Ah[2:0] = 011
1Ah[2:0] = 100
1Ah[2:0] = 111
(1Ah[2:0] = 000) & (MS = 00)
(1Ah[2:0] = 000) & (MS = 10 or 11)
(1Ah[2:0] = 000) & (MS = 01)
1Ah[2:0] = 101
1Ah[2:0] = 110
MS = 01
MS = 10 or 11
Note: MS bits also
affect ADC input
path from MICs
Note: MS bits
also affect
sidetone path
Note: MS bits
also affect
sidetone path
Figure 1 Audio Paths Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com