Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTUL Datasheet(PDF) 125 Page - ATMEL Corporation

Part # AT89C5131A-RDTUL
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTUL Datasheet(HTML) 125 Page - ATMEL Corporation

Back Button AT89C5131A-RDTUL Datasheet HTML 121Page - ATMEL Corporation AT89C5131A-RDTUL Datasheet HTML 122Page - ATMEL Corporation AT89C5131A-RDTUL Datasheet HTML 123Page - ATMEL Corporation AT89C5131A-RDTUL Datasheet HTML 124Page - ATMEL Corporation AT89C5131A-RDTUL Datasheet HTML 125Page - ATMEL Corporation AT89C5131A-RDTUL Datasheet HTML 126Page - ATMEL Corporation AT89C5131A-RDTUL Datasheet HTML 127Page - ATMEL Corporation AT89C5131A-RDTUL Datasheet HTML 128Page - ATMEL Corporation AT89C5131A-RDTUL Datasheet HTML 129Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 185 page
background image
125
AT89C5131A-L
4338E–USB–06/06
Bulk/Interrupt IN Transactions
in Ping-pong Mode
Figure 64. Bulk/Interrupt IN Transactions in Ping-pong Mode
An endpoint will be first enabled and configured before being able to send Bulk or Inter-
rupt packets.
The firmware will fill the FIFO bank 0 with the data to be sent and set the TXRDY bit in
the UEPSTAX register to allow the USB controller to send the data stored in FIFO at the
next IN request concerning the endpoint. The FIFO banks are automatically switched,
and the firmware can immediately write into the endpoint FIFO bank 1.
When the IN packet concerning the bank 0 has been sent and acknowledged by the
Host, the TXCMPL bit is set by the USB controller. This triggers a USB interrupt if
enabled. The firmware will clear the TXCMPL bit before filling the endpoint FIFO bank 0
with new data. The FIFO banks are then automatically switched.
When the IN packet concerning the bank 1 has been sent and acknowledged by the
Host, the TXCMPL bit is set by the USB controller. This triggers a USB interrupt if
enabled. The firmware will clear the TXCMPL bit before filling the endpoint FIFO bank 1
with new data.
The bank switch is performed by the USB controller each time the TXRDY bit is set by
the firmware. Until the TXRDY bit has been set by the firmware for an endpoint bank,
the USB controller will answer a NAK handshake for each IN requests concerning this
bank.
Note that in the example above, the firmware clears the Transmit Complete bit (TXC-
MPL) before setting the Transmit Ready bit (TXRDY). This is done in order to avoid the
firmware to clear at the same time the TXCMPL bit for bank 0 and the bank 1.
The firmware will never write more bytes than supported by the endpoint FIFO.
IN
DATA0 (n Bytes)
ACK
HOST
UFI
C51
Endpoint FIFO Bank 0 - Write Byte 1
IN
NACK
TXCMPL
Endpoint FIFO Bank 0 - Write Byte 2
Endpoint FIFO Bank 0 - Write Byte n
Set TXRDY
Endpoint FIFO Bank 1 - Write Byte 1
Endpoint FIFO Bank 1 - Write Byte 2
Endpoint FIFO Bank 1 - Write Byte m
Set TXRDY
IN
DATA1 (m Bytes)
ACK
Endpoint FIFO Bank 0 - Write Byte 1
Endpoint FIFO Bank 0 - Write Byte 2
Endpoint FIFO Bank 0 - Write Byte p
Set TXRDY
Clear TXCMPL
IN
DATA0 (p Bytes)
ACK
TXCMPL
Clear TXCMPL
Endpoint FIFO Bank 1 - Write Byte 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com