Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTUL Datasheet(PDF) 129 Page - ATMEL Corporation

Part # AT89C5131A-RDTUL
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTUL Datasheet(HTML) 129 Page - ATMEL Corporation

Back Button AT89C5131A-RDTUL Datasheet HTML 125Page - ATMEL Corporation AT89C5131A-RDTUL Datasheet HTML 126Page - ATMEL Corporation AT89C5131A-RDTUL Datasheet HTML 127Page - ATMEL Corporation AT89C5131A-RDTUL Datasheet HTML 128Page - ATMEL Corporation AT89C5131A-RDTUL Datasheet HTML 129Page - ATMEL Corporation AT89C5131A-RDTUL Datasheet HTML 130Page - ATMEL Corporation AT89C5131A-RDTUL Datasheet HTML 131Page - ATMEL Corporation AT89C5131A-RDTUL Datasheet HTML 132Page - ATMEL Corporation AT89C5131A-RDTUL Datasheet HTML 133Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 185 page
background image
129
AT89C5131A-L
4338E–USB–06/06
Miscellaneous
USB Reset
The EORINT bit in the USBINT register is set by hardware when a End Of Reset has
been detected on the USB bus. This triggers a USB interrupt if enabled. The USB con-
troller is still enabled, but all the USB registers are reset by hardware. The firmware will
clear the EORINT bit to allow the next USB reset detection.
STALL Handshake
This function is only available for Control, Bulk, and Interrupt endpoints.
The firmware has to set the STALLRQ bit in the UEPSTAX register to send a STALL
handshake at the next request of the Host on the endpoint selected with the UEPNUM
register. The RXSETUP, TXRDY, TXCMPL, RXOUTB0 and RXOUTB1 bits must be first
reset to 0. The bit STLCRC is set at 1 by the USB controller when a STALL has been
sent. This triggers an interrupt if enabled.
The firmware will clear the STALLRQ and STLCRC bits after each STALL sent.
The STALLRQ bit is cleared automatically by hardware when a valid SETUP PID is
received on a CONTROL type endpoint.
Important note: when a Clear Halt Feature occurs for an endpoint, the firmware will reset
this endpoint using the UEPRST register in order to reset the data toggle management.
Start of Frame Detection
The SOFINT bit in the USBINT register is set when the USB controller detects a Start of
Frame PID. This triggers an interrupt if enabled. The firmware will clear the SOFINT bit
to allow the next Start of Frame detection.
Frame Number
When receiving a Start of Frame, the frame number is automatically stored in the
UFNUML and UFNUMH registers. The CRCOK and CRCERR bits indicate if the CRC of
the last Start of Frame is valid (CRCOK set at 1) or corrupted (CRCERR set at 1). The
UFNUML and UFNUMH registers are automatically updated when receiving a new Start
of Frame.
Data Toggle Bit
The Data Toggle bit is set by hardware when a DATA0 packet is received and accepted
by the USB controller and cleared by hardware when a DATA1 packet is received and
accepted by the USB controller. This bit is reset when the firmware resets the endpoint
FIFO using the UEPRST register.
For Control endpoints, each SETUP transaction starts with a DATA0 and data toggling
is then used as for Bulk endpoints until the end of the Data stage (for a control write
transfer). The Status stage completes the data transfer with a DATA1 (for a control read
transfer).
For Isochronous endpoints, the device firmware will ignore the data-toggle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com