Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTUL Datasheet(PDF) 127 Page - ATMEL Corporation

Part # AT89C5131A-RDTUL
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTUL Datasheet(HTML) 127 Page - ATMEL Corporation

Back Button AT89C5131A-RDTUL Datasheet HTML 123Page - ATMEL Corporation AT89C5131A-RDTUL Datasheet HTML 124Page - ATMEL Corporation AT89C5131A-RDTUL Datasheet HTML 125Page - ATMEL Corporation AT89C5131A-RDTUL Datasheet HTML 126Page - ATMEL Corporation AT89C5131A-RDTUL Datasheet HTML 127Page - ATMEL Corporation AT89C5131A-RDTUL Datasheet HTML 128Page - ATMEL Corporation AT89C5131A-RDTUL Datasheet HTML 129Page - ATMEL Corporation AT89C5131A-RDTUL Datasheet HTML 130Page - ATMEL Corporation AT89C5131A-RDTUL Datasheet HTML 131Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 185 page
background image
127
AT89C5131A-L
4338E–USB–06/06
Isochronous Transactions
Isochronous OUT
Transactions in Standard
Mode
An endpoint will be first enabled and configured before being able to receive Isochro-
nous packets.
When a OUT packet is received on an endpoint, the RXOUTB0 bit is set by the USB
controller. This triggers an interrupt if enabled. The firmware has to select the corre-
sponding endpoint, store the number of data bytes by reading the UBYCTLX and
UBYCTHX registers. If the received packet is a ZLP (Zero Length Packet), the
UBYCTLX and UBYCTHX register values are equal to 0 and no data has to be read.
The STLCRC bit in the UEPSTAX register is set by the USB controller if the packet
stored in FIFO has a corrupted CRC. This bit is updated after each new packet receipt.
When all the endpoint FIFO bytes have been read, the firmware will clear the RXOUTB0
bit to allow the USB controller to store the next OUT packet data into the endpoint FIFO.
Until the RXOUTB0 bit has been cleared by the firmware, the data sent by the Host at
each OUT transaction will be lost.
If the RXOUTB0 bit is cleared while the Host is sending data, the USB controller will
store only the remaining bytes into the FIFO.
If the Host sends more bytes than supported by the endpoint FIFO, the overflow data
won’t be stored, but the USB controller will consider that the packet is valid if the CRC is
correct.
Isochronous OUT
Transactions in Ping-pong
Mode
An endpoint will be first enabled and configured before being able to receive Isochro-
nous packets.
When a OUT packet is received on the endpoint bank 0, the RXOUTB0 bit is set by the
USB controller. This triggers an interrupt if enabled. The firmware has to select the cor-
responding endpoint, store the number of data bytes by reading the UBYCTLX and
UBYCTHX registers. If the received packet is a ZLP (Zero Length Packet), the
UBYCTLX and UBYCTHX register values are equal to 0 and no data has to be read.
The STLCRC bit in the UEPSTAX register is set by the USB controller if the packet
stored in FIFO has a corrupted CRC. This bit is updated after each new packet receipt.
When all the endpoint FIFO bytes have been read, the firmware will clear the RXOUB0
bit to allow the USB controller to store the next OUT packet data into the endpoint FIFO
bank 0. This action switches the endpoint bank 0 and 1. Until the RXOUTB0 bit has
been cleared by the firmware, the data sent by the Host on the bank 0 endpoint FIFO
will be lost.
If the RXOUTB0 bit is cleared while the Host is sending data on the endpoint bank 0, the
USB controller will store only the remaining bytes into the FIFO.
When a new OUT packet is received on the endpoint bank 1, the RXOUTB1 bit is set by
the USB controller. This triggers an interrupt if enabled. The firmware empties the bank
1 endpoint FIFO before clearing the RXOUTB1 bit. Until the RXOUTB1 bit has been
cleared by the firmware, the data sent by the Host on the bank 1 endpoint FIFO will be
lost.
The RXOUTB0 and RXOUTB1 bits are alternatively set by the USB controller at each
new packet receipt.
The firmware has to clear one of these two bits after having read all the data FIFO to
allow a new packet to be stored in the corresponding bank.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com