Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTUM Datasheet(PDF) 124 Page - ATMEL Corporation

Part # AT89C5131A-RDTUM
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTUM Datasheet(HTML) 124 Page - ATMEL Corporation

Back Button AT89C5131A-RDTUM Datasheet HTML 120Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 121Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 122Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 123Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 124Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 125Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 126Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 127Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 128Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 186 page
background image
124
AT89C5130A/31A-M
4337G–USB–11/06
Bulk/Interrupt OUT
Transactions in Ping-pong
Mode
Figure 63.
Bulk/Interrupt OUT Transactions in Ping-pong Mode
An endpoint will be first enabled and configured before being able to receive Bulk or
Interrupt packets.
When a valid OUT packet is received on the endpoint bank 0, the RXOUTB0 bit is set by
the USB controller. This triggers an interrupt if enabled. The firmware has to select the
corresponding endpoint, store the number of data bytes by reading the UBYCTLX and
UBYCTHX registers. If the received packet is a ZLP (Zero Length Packet), the
UBYCTLX and UBYCTHX register values are equal to 0 and no data has to be read.
When all the endpoint FIFO bytes have been read, the firmware will clear the RXOUB0
bit to allow the USB controller to accept the next OUT packet on the endpoint bank 0.
This action switches the endpoint bank 0 and 1. Until the RXOUTB0 bit has been
cleared by the firmware, the USB controller will answer a NAK handshake for each OUT
requests on the bank 0 endpoint FIFO.
When a new valid OUT packet is received on the endpoint bank 1, the RXOUTB1 bit is
set by the USB controller. This triggers an interrupt if enabled. The firmware empties the
bank 1 endpoint FIFO before clearing the RXOUTB1 bit. Until the RXOUTB1 bit has
been cleared by the firmware, the USB controller will answer a NAK handshake for each
OUT requests on the bank 1 endpoint FIFO.
The RXOUTB0 and RXOUTB1 bits are alternatively set by the USB controller at each
new valid packet receipt.
The firmware has to clear one of these two bits after having read all the data FIFO to
allow a new valid packet to be stored in the corresponding bank.
A NAK handshake is sent by the USB controller only if the banks 0 and 1 has not been
released by the firmware.
If the Host sends more bytes than supported by the endpoint FIFO, the overflow data
won’t be stored, but the USB controller will consider that the packet is valid if the CRC is
correct.
OUT
DATA0 (n Bytes)
ACK
HOST
UFI
C51
Endpoint FIFO Bank 0 - Read Byte 1
RXOUTB0
Endpoint FIFO Bank 0 - Read Byte 2
Endpoint FIFO Bank 0 - Read Byte n
Clear RXOUTB0
OUT
DATA1 (m Bytes)
ACK
RXOUTB1
Endpoint FIFO Bank 1 - Read Byte 1
Endpoint FIFO Bank 1 - Read Byte 2
Endpoint FIFO Bank 1 - Read Byte m
Clear RXOUTB1
OUT
DATA0 (p Bytes)
ACK
RXOUTB0
Endpoint FIFO Bank 0 - Read Byte 1
Endpoint FIFO Bank 0 - Read Byte 2
Endpoint FIFO Bank 0 - Read Byte p
Clear RXOUTB0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com