Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTUM Datasheet(PDF) 14 Page - ATMEL Corporation

Part # AT89C5131A-RDTUM
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTUM Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button AT89C5131A-RDTUM Datasheet HTML 10Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 11Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 12Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 13Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 14Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 15Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 16Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 17Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 186 page
background image
14
AT89C5130A/31A-M
4337G–USB–11/06
Clock Controller
Introduction
The AT89C5130A/31A-M clock controller is based on an on-chip oscillator feeding an
on-chip Phase Lock Loop (PLL). All the internal clocks to the peripherals and CPU core
are generated by this controller.
The AT89C5130A/31A-M X1 and X2 pins are the input and the output of a single-stage
on-chip inverter (see Figure 7) that can be configured with off-chip components as a
Pierce oscillator (see Figure 8). Value of capacitors and crystal characteristics are
detailed in the section “DC Characteristics”.
The X1 pin can also be used as input for an external 48 MHz clock.
The clock controller outputs three different clocks as shown in Figure 7:
•
a clock for the CPU core
•
a clock for the peripherals which is used to generate the Timers, PCA, WD, and Port
sampling clocks
•
a clock for the USB controller
These clocks are enabled or disabled depending on the power reduction mode as
detailed in Section “Power Management”, page 153.
Figure 7.
Oscillator Block Diagram
Oscillator
Two types of clock sources can be used for CPU:
•
Crystal oscillator on X1 and X2 pins: Up to 32 MHz (Amplifier Bandwidth)
•
External clock on X1 pin: Up to 48MHz
In order to optimize the power consumption, the oscillator inverter is inactive when the
PLL output is not selected for the USB device.
X1
X2
PD
PCON.1
IDL
PCON.0
Peripheral
CPU Core
0
1
X2
CKCON.0
÷ 2
Clock
Clock
EXT48
PLLCON.2
0
1
PLL
USB
Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com