Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTUM Datasheet(PDF) 40 Page - ATMEL Corporation

Part # AT89C5131A-RDTUM
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTUM Datasheet(HTML) 40 Page - ATMEL Corporation

Back Button AT89C5131A-RDTUM Datasheet HTML 36Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 37Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 38Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 39Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 40Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 41Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 42Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 43Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 44Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 186 page
background image
40
AT89C5130A/31A-M
4337G–USB–11/06
Table 39.
Software Registers
After programming the part by ISP, the BSB must be cleared (00h) in order to allow the
application to boot at 0000h.
The content of the Software Security Byte (SSB) is described in Table 40
and Table 41.
To assure code protection from a parallel access, the HSB must also be at the required
level.
The two lock bits provide different levels of protection for the on-chip code and data,
when programmed as shown to Table 41.
Address
Mnemonic
Description
Default value
01
SBV
Software Boot Vector
FFh
–
00
BSB
Boot Status Byte
0FFh
–
05
SSB
Software Security Byte
FFh
–
30
–
Copy of the Manufacturer
Code
58h
Atmel
31
–
Copy of the Device ID #1:
Family Code
D7h
C51 X2, Electrically
Erasable
60
–
Copy of the Device ID #2:
Memories
F7h
AT89C5130A/31A-M 32
Kbyte
61
–
Copy of the Device ID #3:
Name
DFh
AT89C5130A/31A-M 32
Kbyte, revision 0
Table 40.
Software Security Byte (SSB)
7654
3210
------
LB1
LB0
Bit
Number
Bit
Mnemonic
Description
7-
Reserved
Do not clear this bit.
6-
Reserved
Do not clear this bit.
5-
Reserved
Do not clear this bit.
4-
Reserved
Do not clear this bit.
3-
Reserved
Do not clear this bit.
2-
Reserved
Do not clear this bit.
1-0
LB1-0
User Memory Lock Bits
See Table 41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com