Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATTINY11 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATTINY11
Description  8-bit Microcontroller with 1K Byte Flash
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY11 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATTINY11 Datasheet HTML 3Page - ATMEL Corporation ATTINY11 Datasheet HTML 4Page - ATMEL Corporation ATTINY11 Datasheet HTML 5Page - ATMEL Corporation ATTINY11 Datasheet HTML 6Page - ATMEL Corporation ATTINY11 Datasheet HTML 7Page - ATMEL Corporation ATTINY11 Datasheet HTML 8Page - ATMEL Corporation ATTINY11 Datasheet HTML 9Page - ATMEL Corporation ATTINY11 Datasheet HTML 10Page - ATMEL Corporation ATTINY11 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
ATtiny28L/V
1062FS–AVR–07/06
Notes:
1. This device can also be supplied in wafer form. Please contact your local Atmel sales office for detailed ordering information
and minimum quantities.
2. Pb-free packaging alternative, complies to the European Directive for Restriction of Hazardous Substances (RoHS direc-
tive).Also Halide free and fully Green.
Ordering Information
Speed (MHz)
Power Supply (Volts)
Ordering Code
Package(1)
Operation Range
4
2.7 - 5.5
ATtiny28L-4AC
ATtiny28L-4PC
ATtiny28L-4MC
32A
28P3
32M1-A
Commercial
(0
°C to 70°C)
ATtiny28L-4AI
ATtiny28L-4AU(2)
ATtiny28L-4PI
ATtiny28L-4PU(2)
ATtiny28L-4MI
ATtiny28L-4MU(2)
32A
32A
28P3
28P3
32M1-A
32M1-A
Industrial
(-40
°C to 85°C)
1.2
1.8 - 5.5
ATtiny28V-1AC
ATtiny28V-1PC
ATtiny28V-1MC
32A
28P3
32M1-A
Commercial
(0
°C to 70°C)
ATtiny28V-1AI
ATtiny28V-1AU(2)
ATtiny28V-1PI
ATtiny28V-1PU(2)
ATtiny28V-1MI
ATtiny28V-1MU(2)
32A
32A
28P3
28P3
32M1-A
32M1-A
Industrial
(-40
°C to 85°C)
Package Type
32A
32-lead, Thin (1.0 mm) Plastic Quad Flat Package (TQFP)
28P3
28-lead, 0.300" Wide, Plastic Dual Inline Package (PDIP)
32M1-A
32-pad, 5x5x1.0 body, Lead Pitch 0.50mm, Quad Flat No-lead/Micro Lead Frame Package (QFN/MLF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com