Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATTINY11 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATTINY11
Description  8-bit Microcontroller with 1K Byte Flash
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY11 Datasheet(HTML) 3 Page - ATMEL Corporation

  ATTINY11 Datasheet HTML 1Page - ATMEL Corporation ATTINY11 Datasheet HTML 2Page - ATMEL Corporation ATTINY11 Datasheet HTML 3Page - ATMEL Corporation ATTINY11 Datasheet HTML 4Page - ATMEL Corporation ATTINY11 Datasheet HTML 5Page - ATMEL Corporation ATTINY11 Datasheet HTML 6Page - ATMEL Corporation ATTINY11 Datasheet HTML 7Page - ATMEL Corporation ATTINY11 Datasheet HTML 8Page - ATMEL Corporation ATTINY11 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
ATtiny28L/V
1062FS–AVR–07/06
rupt on low-level input feature enables the ATtiny28 to be highly responsive to external
events, still featuring the lowest power consumption while in the power-down modes.
The device is manufactured using Atmel’s high-density, nonvolatile memory technology.
By combining an enhanced RISC 8-bit CPU with Flash on a monolithic chip, the Atmel
ATtiny28 is a powerful microcontroller that provides a highly flexible and cost-effective
solution to many embedded control applications. The ATtiny28 AVR is supported with a
full suite of program and system development tools including: macro assemblers, pro-
gram debugger/simulators, in-circuit emulators and evaluation kits.
Pin Descriptions
VCC
Supply voltage pin.
GND
Ground pin.
Port A (PA3..PA0)
Port A is a 4-bit I/O port. PA2 is output-only and can be used as a high-current LED
driver. At V
CC = 2.0V, the PA2 output buffer can sink 25 mA. PA3, PA1 and PA0 are
bi-directional I/O pins with internal pull-ups (selected for each bit). The port pins are tri-
stated when a reset condition becomes active, even if the clock is not running.
Port B (PB7..PB0)
Port B is an 8-bit input port with internal pull-ups (selected for all Port B pins). Port B
pins that are externally pulled low will source current if the pull-ups are activated.
Port B also serves the functions of various special features of the ATtiny28 as listed on
page 27. If any of the special features are enabled, the pull-up(s) on the corresponding
pin(s) is automatically disabled. The port pins are tri-stated when a reset condition
becomes active, even if the clock is not running.
Port D (PD7..PD0)
Port D is an 8-bit I/O port. Port pins can provide internal pull-up resistors (selected for
each bit). The port pins are tri-stated when a reset condition becomes active, even if the
clock is not running.
XTAL1
Input to the inverting oscillator amplifier and input to the internal clock operating circuit.
XTAL2
Output from the inverting oscillator amplifier.
RESET
Reset input. An external reset is generated by a low level on the RESET pin. Reset
pulses longer than 50 ns will generate a reset, even if the clock is not running. Shorter
pulses are not guaranteed to generate a reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com