Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYM359DX Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BYM359DX
Description  Dual diode fast, high-voltage
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYM359DX Datasheet(HTML) 2 Page - NXP Semiconductors

  BYM359DX Datasheet HTML 1Page - NXP Semiconductors BYM359DX Datasheet HTML 2Page - NXP Semiconductors BYM359DX Datasheet HTML 3Page - NXP Semiconductors BYM359DX Datasheet HTML 4Page - NXP Semiconductors BYM359DX Datasheet HTML 5Page - NXP Semiconductors BYM359DX Datasheet HTML 6Page - NXP Semiconductors BYM359DX Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Philips Semiconductors
Product specification
Dual diode
BYM359DX
fast, high-voltage
ISOLATION LIMITING VALUE & CHARACTERISTIC
T
hs = 25 ˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V
isol
Repetitive peak voltage from all
R.H.
≤ 65 % ; clean and dustfree
-
-
2500
V
three terminals to external
heatsink
C
isol
Capacitance from T2 to external f = 1 MHz
-
22
-
pF
heatsink
THERMAL RESISTANCES
DAMPER
MODULATOR
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
TYP.
MAX.
UNIT
R
th j-hs
Thermal resistance junction to
with heatsink
-
3.5
-
3.5
K/W
heatsink
compound
R
th j-a
Thermal resistance junction to
in free air.
35
-
-
35
K/W
ambient
STATIC CHARACTERISTICS
T
j = 25 ˚C unless otherwise stated
DAMPER
MODULATOR
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
TYP.
MAX.
UNIT
V
F
Forward voltage
I
F = 6.5 A
1.1
1.45
1.15
1.55
V
I
F = 6.5 A; Tj = 125˚C
1.05
1.3
1.1
1.45
V
I
R
Reverse current
V
R = VRWM
10
250
10
100
µA
V
R = VRWM
50
500
100
600
µA
T
j = 100 ˚C
DYNAMIC CHARACTERISTICS
T
j = 25 ˚C unless otherwise stated
DAMPER
MODULATOR
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
TYP.
MAX.
UNIT
t
rr
Reverse recovery time
I
F = 1 A; VR ≥ 30 V;
200
300
125
145
ns
-dI
F/dt = 50 A/µs
Q
s
Reverse recovery charge
2 A,30 V,20 A/
µs
1.2
2.0
0.5
0.7
µC
V
fr
Peak forward recovery voltage
I
F = 6.5 A;
27
-
18.0
-
V
dI
F/dt = 50 A/µs
March 2000
2
Rev 1.000



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com