Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYM359DX Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BYM359DX
Description  Dual diode fast, high-voltage
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYM359DX Datasheet(HTML) 3 Page - NXP Semiconductors

  BYM359DX Datasheet HTML 1Page - NXP Semiconductors BYM359DX Datasheet HTML 2Page - NXP Semiconductors BYM359DX Datasheet HTML 3Page - NXP Semiconductors BYM359DX Datasheet HTML 4Page - NXP Semiconductors BYM359DX Datasheet HTML 5Page - NXP Semiconductors BYM359DX Datasheet HTML 6Page - NXP Semiconductors BYM359DX Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Philips Semiconductors
Product specification
Dual diode
BYM359DX
fast, high-voltage
Fig.1. Definition of t
rr, Qs and Irrm
Fig.2. Definition of V
fr
Fig.3. Modulator maximum forward dissipation,
P
F = f(IF(AV)); square wave current waveform;
parameter D = duty cycle = t
p/T.
Fig.4. Modulator maximum forward dissipation,
P
F = f(IF(AV)); sinusoidal current waveform; parameter
a = form factor = I
F(RMS)/IF(AV).
Fig.5. Modulator maximum non-repetitive rms forward
current. I
F = f(tp); sinusoidal current waveform;
T
j = 150˚C prior to surge with reapplied VRWM.
Fig.6. Modulator typical and maximum forward
characteristic; I
F = f(VF); parameter Tj
0
2
4
6
8
BY329
IF(AV) / A
PF / W
15
10
5
0
4
2.8
2.2
1.9
a = 1.57
Ths(max) / C
150
78
102
126
Vo = 1.25 V
Rs = 0.03 Ohms
100%
time
dI
dt
F
I
R
I
F
I
rrm
trr
25%
Qs
1ms
10ms
0.1s
1s
10s
tp / s
IFS(RMS) / A
BY229
80
70
60
50
40
30
20
10
0
IFSM
time
time
V F
V
fr
V F
I
F
0
1
BY229F
VF / V
IF / A
30
20
10
0
2
0.5
1.5
max
typ
Tj = 150 C
Tj = 25 C
0
2
4
6
8
10
12
BY329
IF(AV) / A
PF / W
20
15
10
5
0
Ths(max) / C
150
54
78
102
126
0.5
0.2
0.1
D = 1.0
D =
tp
tp
T
T
I
t
Vo = 1.25 V
Rs = 0.03 Ohms
March 2000
3
Rev 1.000



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com