Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB353M Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT43USB353M
Description  Low Cost USB Microcontroller with Hub, ADC and PWM
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB353M Datasheet(HTML) 1 Page - ATMEL Corporation

  AT43USB353M Datasheet HTML 1Page - ATMEL Corporation AT43USB353M Datasheet HTML 2Page - ATMEL Corporation AT43USB353M Datasheet HTML 3Page - ATMEL Corporation AT43USB353M Datasheet HTML 4Page - ATMEL Corporation AT43USB353M Datasheet HTML 5Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Features
• AVR® Microcontroller-based Function Controller and Hub
• Binary-compatible with the AT43USB355
• Fully Programmable Full-Speed USB 2.0 Hub with Two External
and One Attached Downstream Ports
• Full Speed USB Function with Four Endpoints
• High Performance and Low Power 12/24 MIPs AVR RISC Microcontroller
• 120 Powerful Instructions – Most with 83/41.5 ns Execution Cycle Times
• 24 KB Masked ROM Program Memory
• 1 KB Internal Data SRAM
• 32 x 8 General-purpose Working Registers
• 15 Programmable I/O Port Pins
• 12-channel 10-bit Analog-to-Digital Converter (ADC)
• One 8-bit Timer/Counter with Separate Pre-scaler
• One 16-bit Timer/Counter with Separate Pre-scaler and Two PWMs
• External and Internal Interrupt Sources
• Programmable Watchdog Timer
• Low Power Suspend Mode
• 6 MHz Crystal Oscillator with PLL
• 5V Operation with On-chip 3.3V Regulators
• 48-lead LQFP Package
PA[0:7]
LFT
RSTN
PD[0:6]
ADC[0:11]
XTAL1
XTAL2
DP0
DM0
CPUSEL
DP2
DM2
DP3
DM3
TEST
VCC[1,2,A]
VSS[1,2,A]
V33[1,2,A]
USB
HUB
REPEATER
CLOCK
GENERATOR
GPIO
ADC
TIMER/
COUNTERS
AVR
ROM
AND
SRAM
VOLTAGE
REGULATORS
Low Cost
USB
Microcontroller
with Hub, ADC
and PWM
AT43USB353M
Summary
Rev. 3307AS–USB–02/03


Similar Part No. - AT43USB353M

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT43USB353M ATMEL-AT43USB353M Datasheet
36Kb / 2P
Missed Watchdog Timer Reset
AT43USB353M ATMEL-AT43USB353M Datasheet
593Kb / 95P
Low Cost Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
AT43USB353M-AC ATMEL-AT43USB353M-AC Datasheet
593Kb / 95P
Low Cost Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
AT43USB353M ATMEL-AT43USB353M_04 Datasheet
593Kb / 95P
Low Cost Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
More results

Similar Description - AT43USB353M

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C65013 CYPRESS-CY7C65013 Datasheet
422Kb / 51P
USB Hub with Microcontroller
logo
NXP Semiconductors
P87LPC768 PHILIPS-P87LPC768 Datasheet
94Kb / 2P
Low Power, Low System Cost 80C51 MCU with ADC and PWM
2000
logo
ATMEL Corporation
AT43USB351M ATMEL-AT43USB351M Datasheet
683Kb / 101P
Full-speed/Low-speed USB Microcontroller with ADC and PWM
AT43DK301 ATMEL-AT43DK301 Datasheet
469Kb / 4P
Low-Cost USB Hub Development Kit
AT43USB351M ATMEL-AT43USB351M_04 Datasheet
76Kb / 10P
Full-speed/ Low-speed USB Microcontroller with ADC and PWM
AT43301 ATMEL-AT43301_05 Datasheet
319Kb / 27P
Low-cost USB Hub Controller
AT43USB355 ATMEL-AT43USB355_06 Datasheet
1Mb / 115P
Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
AT43USB353M ATMEL-AT43USB353M_04 Datasheet
593Kb / 95P
Low Cost Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
logo
Cypress Semiconductor
CY7C65113C CYPRESS-CY7C65113C Datasheet
2Mb / 49P
USB Hub with Microcontroller
logo
ATMEL Corporation
AT43USB355 ATMEL-AT43USB355_02 Datasheet
82Kb / 4P
Full speed USB Microcontroller with Embedded Hub, ADC and PWM
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com