Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB353M Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT43USB353M
Description  Low Cost USB Microcontroller with Hub, ADC and PWM
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB353M Datasheet(HTML) 4 Page - ATMEL Corporation

  AT43USB353M Datasheet HTML 1Page - ATMEL Corporation AT43USB353M Datasheet HTML 2Page - ATMEL Corporation AT43USB353M Datasheet HTML 3Page - ATMEL Corporation AT43USB353M Datasheet HTML 4Page - ATMEL Corporation AT43USB353M Datasheet HTML 5Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
AT43USB353M
3307AS–USB–02/03
Packaging Information
48AA – LQFP
2325 Orchard Parkway
San Jose, CA 95131
TITLE
DRAWING NO.
R
REV.
48AA, 48-lead, 7 x 7 mm Body Size, 1.4 mm Body Thickness,
0.5 mm Lead Pitch, Low Profile Plastic Quad Flat Package (LQFP)
C
48AA
10/5/2001
PIN 1 IDENTIFIER
0˚~7˚
PIN 1
L
C
A1
A2
A
D1
D
e
E1
E
B
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
Notes:
1. This package conforms to JEDEC reference MS-026, Variation BBC.
2. Dimensions D1 and E1 do not include mold protrusion. Allowable
protrusion is 0.25 mm per side. Dimensions D1 and E1 are maximum
plastic body size dimensions including mold mismatch.
3. Lead coplanarity is 0.08 mm maximum.
A
–
–
1.60
A1
0.05
–
0.15
A2
1.35
1.40
1.45
D
8.75
9.00
9.25
D1
6.90
7.00
7.10
Note 2
E
8.75
9.00
9.25
E1
6.90
7.00
7.10
Note 2
B
0.17
–
0.27
C
0.09
–
0.20
L
0.45
–
0.75
e
0.50 TYP



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com