Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA393P/F Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KIA393P/F
Description  SEMICONDUCTOR TECHNICAL DATA
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA393P/F Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KIA393P/F Datasheet HTML 1Page - KEC(Korea Electronics) KIA393P/F Datasheet HTML 2Page - KEC(Korea Electronics) KIA393P/F Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2009. 10. 6
2/3
KIA393P/F
Revision No : 0
ELECTRICAL CHARACTERISTICS (VCC=5V, VEE=GND, Ta=25℃)
MAXIMUM RATINGS (Ta=25℃)
EQUIVALENT CIRCUIT
VCC
100µA
+IN
Q2
Q3
Q4
Q5
Q6
Q7
Q8
OUT
-IN
Q1
3.5µA3.5µA
100µA
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Input Offset Voltage
VIO
VO=1.4V
-
2
5
mV
Input Offset Current
IIO
-
-
5
50
nA
Input Bias Current
II
-
-
25
250
nA
Common Mode Input Voltage
CMVIN
-
0
-
VCC-1.5
V
Voltage Gain
GV
RL=15kΩ
-
200
-
V/mV
Supply Current
ICC
No load
-
0.8
2
mA
Sink Current
Isink
+IN=0V, -IN=1V, VOL=1.5V
6
16
-
mA
Output Voltage ("L" Level)
VOL
+IN=0V, -IN=1V, Isink=3mA
-
0.2
0.4
V
Output Leak Current
ILEAK
+IN=1V, -IN=0V, VO=5V
-
0.1
-
nA
Response Time
trsp
RL=5.1kΩ, CL=15pF
-
1.3
-
μs
CHARACTERISTIC
SYMBOL
RATING
UNIT
Supply Voltage
VCC
±18, 36
V
Differential Input Voltage
DVIN
±18, 36
V
Common Mode Input Voltage
CMVIN
-0.3~VCC
V
Power Dissipation
KIA393P
PD
500
mW
KIA393F
240
Operating Temperature
Topr
-40~85
℃
Storage Temperature
Tstg
-55~125
℃



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com