Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA393P/F Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KIA393P/F
Description  SEMICONDUCTOR TECHNICAL DATA
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA393P/F Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KIA393P/F Datasheet HTML 1Page - KEC(Korea Electronics) KIA393P/F Datasheet HTML 2Page - KEC(Korea Electronics) KIA393P/F Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2009. 10. 6
1/3
SEMICONDUCTOR
TECHNICAL DATA
KIA393P/F
BIPOLAR LINEAR INTEGRATED CIRCUIT
Revision No : 0
DUAL COMPARATOR
FEATURES
・Be Possible to Operate at the Wide Range Single or Two Supply Voltage.
・Low Supply Current : I
CC=0.8mA(Typ.).
・Low Input Offset Voltage : V
IO=2mV(Typ.).
・Wide Common Mode Input Voltage : 0V
DC to VCC-1.5VDC.
・Output is Compatible with TTL, DTL, MOS and C-MOS.
・Output is Open Collector and Wired-OR Possible.
・ESD Protection (JEDEC-JESD22).
- 2000V Human Body Model (A114, CLASS Ⅱ).
- 200V Machime Model (A115, CLASS B).
1
2
3
4
8
7
6
5
OUT A
-IN A
-IN B
OUT B
+
-
A
B
+
-
VCC
+IN A
+IN B
VEE
PIN CONNECTION(TOP VIEW)
KIA393P
393P
KIA
MARKING
Lot No.
Device Name
Trade Name
KIA393F
A 393F
Lot No.
Device Name
Trade Name
85
14
Q
DIP-8
A
d
P
D
W
T
DIM MILLIMETERS
A
B
D
T
P
d
G
H
L
3.8 0.3
0 - 15
1.52 0.1
W
9.6 0.2
6.45 0.2
0.46 0.1
0.50 MIN
3.3 0.3
2.54
0.25+0.1/-0.05
7.62
Q
+
_
+
_
+
_
+
_
+
_
+
_
85
14
Q
DIP-8 (1)
A
d
P
D
W
T
DIM MILLIMETERS
A
B
D
T
P
d
G
H
L
0 - 15
1.52 0.1
W
9.2 0.2
6.40 0.2
0.46 0.1
0.33 MIN
5.08 MAX
3.3 0.3
0.25+0.1/-0.05
Q
+
_
+
_
+
_
+
_
+
_
2.54 0.25
+
_
7.62 0.25
+
_
FLP-8
L
1
4
5
8
P
D
A
0.20+0.1/-0.05
P
T
1.27
MILLIMETERS
0.4 0.1
0.15+0.1/-0.05
4.85 0.2
B2
G
H
L
D
A
B1
DIM
6.02 0.3
1.63 0.2
0.65 0.2
3.94 0.2
+
_
+
_
+
_
+
_
+
_
+
_


Similar Part No. - KIA393P/F

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA393P KEC-KIA393P Datasheet
68Kb / 3P
BIPOLAR LINEAR INTEGRATED CIRCUIT (DUAL COMPARATOR)
KIA393P KEC-KIA393P Datasheet
60Kb / 3P
SEMICONDUCTOR
KIA393P-F KEC-KIA393P-F Datasheet
60Kb / 3P
SEMICONDUCTOR
More results

Similar Description - KIA393P/F

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BZX84C2V4LT1 LRC-BZX84C2V4LT1 Datasheet
171Kb / 5P
SEMICONDUCTOR(TECHNICAL DATA)
logo
KEC(Korea Electronics)
KTA1266A KEC-KTA1266A Datasheet
57Kb / 2P
SEMICONDUCTOR TECHNICAL DATA
SMFZ4.3V-36V KEC-SMFZ4.3V-36V Datasheet
47Kb / 2P
SEMICONDUCTOR TECHNICAL DATA
KGH15N120NDA KEC-KGH15N120NDA Datasheet
64Kb / 6P
SEMICONDUCTOR TECHNICAL DATA
KGT15N120KDA KEC-KGT15N120KDA Datasheet
1Mb / 8P
SEMICONDUCTOR TECHNICAL DATA
KGT15N120NDA KEC-KGT15N120NDA Datasheet
101Kb / 6P
SEMICONDUCTOR TECHNICAL DATA
KGT25N120KDA KEC-KGT25N120KDA Datasheet
567Kb / 8P
SEMICONDUCTOR TECHNICAL DATA
logo
Motorola, Inc
MRF372 MOTOROLA-MRF372 Datasheet
528Kb / 12P
SEMICONDUCTOR TECHNICAL DATA
logo
KEC(Korea Electronics)
KIA78R015F KEC-KIA78R015F Datasheet
108Kb / 10P
SEMICONDUCTOR TECHNICAL DATA
KIA78R015PI KEC-KIA78R015PI Datasheet
108Kb / 10P
SEMICONDUCTOR TECHNICAL DATA
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com