Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51SND1C-ROTIL Datasheet(PDF) 30 Page - ATMEL Corporation

Part # AT89C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51SND1C-ROTIL Datasheet(HTML) 30 Page - ATMEL Corporation

Back Button AT89C51SND1C-ROTIL Datasheet HTML 26Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 27Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 28Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 29Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 30Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 31Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 32Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 33Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 34Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
192
4109JS–8051–10/06
AT8xC51SND1C
22.4.0.5
Timings
Test conditions: capacitive load on all pins= 50 pF.
Table 159. SPI Interface Master AC Timing
V
DD = 2.7 to 3.3 V, TA = -40 to +85°C
Note:
1. Value of this parameter depends on software.
Symbol
Parameter
Min
Max
Unit
Slave Mode
T
CHCH
Clock Period
2
T
PER
T
CHCX
Clock High Time
0.8
T
PER
T
CLCX
Clock Low Time
0.8
T
PER
T
SLCH, TSLCL
SS Low to Clock edge
100
ns
T
IVCL, TIVCH
Input Data Valid to Clock Edge
40
ns
T
CLIX, TCHIX
Input Data Hold after Clock Edge
40
ns
T
CLOV, TCHOV
Output Data Valid after Clock Edge
40
ns
T
CLOX, TCHOX
Output Data Hold Time after Clock Edge
0
ns
T
CLSH, TCHSH
SS High after Clock Edge
0
ns
T
SLOV
SS Low to Output Data Valid
50
ns
T
SHOX
Output Data Hold after SS High
50
ns
T
SHSL
SS High to SS Low
(1)
T
ILIH
Input Rise Time
2
μs
T
IHIL
Input Fall Time
2
μs
T
OLOH
Output Rise time
100
ns
T
OHOL
Output Fall Time
100
ns
Master Mode
T
CHCH
Clock Period
2
T
PER
T
CHCX
Clock High Time
0.8
T
PER
T
CLCX
Clock Low Time
0.8
T
PER
T
IVCL, TIVCH
Input Data Valid to Clock Edge
20
ns
T
CLIX, TCHIX
Input Data Hold after Clock Edge
20
ns
T
CLOV, TCHOV
Output Data Valid after Clock Edge
40
ns
TCLOX, TCHOX
Output Data Hold Time after Clock Edge
0
ns
TILIH
Input Data Rise Time
2
μs
TIHIL
Input Data Fall Time
2
μs
TOLOH
Output Data Rise time
50
ns
TOHOL
Output Data Fall Time
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com