Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51SND1C-ROTIL Datasheet(PDF) 33 Page - ATMEL Corporation

Part # AT89C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51SND1C-ROTIL Datasheet(HTML) 33 Page - ATMEL Corporation

Back Button AT89C51SND1C-ROTIL Datasheet HTML 29Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 30Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 31Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 32Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 33Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 34Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 35Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 36Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 37Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
195
4109JS–8051–10/06
AT8xC51SND1C
V
DD = 2.7 to 3.3 V, TA = -40 to +85°C
Notes:
1. At 100 kbit/s. At other bit-rates this value is inversely proportional to the bit-rate of 100 kbit/s.
2. Determined by the external bus-line capacitance and the external bus-line pull-up resistor, this
must be < 1
μs.
3. Spikes on the SDA and SCL lines with a duration of less than 3·TCLCL will be filtered out. Maxi-
mum capacitance on bus-lines SDA and
SCL= 400 pF.
4. TCLCL= TOSC= one oscillator clock period.
22.4.1.2
Waveforms
Figure 22-17. Two Wire Waveforms
Symbol
Parameter
INPUT
Min
Max
OUTPUT
Min
Max
THD; STA
Start condition hold time
14·TCLCL
(4)
4.0
μs(1)
TLOW
SCL low time
16·TCLCL
(4)
4.7
μs(1)
THIGH
SCL high time
14·TCLCL
(4)
4.0
μs(1)
TRC
SCL rise time
1
μs-(2)
TFC
SCL fall time
0.3
μs0.3 μs(3)
TSU; DAT1
Data set-up time
250 ns
20·TCLCL
(4)- TRD
TSU; DAT2
SDA set-up time (before repeated START condition)
250 ns
1
μs(1)
TSU; DAT3
SDA set-up time (before STOP condition)
250 ns
8·TCLCL
(4)
THD; DAT
Data hold time
0 ns
8·TCLCL
(4) - TFC
TSU; STA
Repeated START set-up time
14·TCLCL
(4)
4.7
μs(1)
TSU; STO
STOP condition set-up time
14·TCLCL
(4)
4.0
μs(1)
TBUF
Bus free time
14·TCLCL
(4)
4.7
μs(1)
TRD
SDA rise time
1
μs
-
(2)
TFD
SDA fall time
0.3
μs0.3 μs(3)
Tsu;DAT1
Tsu;STA
Tsu;DAT2
Thd;STA
T
high
Tlow
SDA
(INPUT/OUTPUT)
0.3 VDD
0.7 V
DD
T
buf
T
su;STO
0.7 V
DD
0.3 V
DD
Trd
T
fd
T
rc
T
fc
SCL
(INPUT/OUTPUT)
T
hd;DAT
Tsu;DAT3
START or Repeated START condition
START condition
STOP condition
Repeated START condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com