Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC131M02 Datasheet(PDF) 39 Page - Texas Instruments

Part # AMC131M02
Description  AMC131M02 2-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC131M02 Datasheet(HTML) 39 Page - Texas Instruments

Back Button AMC131M02 Datasheet HTML 35Page - Texas Instruments AMC131M02 Datasheet HTML 36Page - Texas Instruments AMC131M02 Datasheet HTML 37Page - Texas Instruments AMC131M02 Datasheet HTML 38Page - Texas Instruments AMC131M02 Datasheet HTML 39Page - Texas Instruments AMC131M02 Datasheet HTML 40Page - Texas Instruments AMC131M02 Datasheet HTML 41Page - Texas Instruments AMC131M02 Datasheet HTML 42Page - Texas Instruments AMC131M02 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 89 page
background image
DRDY each time any channel data are ready. Finally, setting the bits to either 10b or 11b configures the device
to assert DRDY when the channel with the most negative phase calibration setting, or the most leading, has
new conversion data. Changing the DRDY_SEL[1:0] bits has no effect on DRDY behavior in global-chop mode
because phase calibration is automatically disabled in global-chop mode.
The timing of the first DRDY assertion after channels are enabled or after a synchronization pulse is provided
depends on the phase calibration setting. If the channel that causes DRDY to assert has a phase calibration
setting less than zero, the first DRDY assertion can be less than one sample period from the channel being
enabled or the occurrence of the synchronization pulse. However, DRDY asserts in the next sample period if the
phase setting puts the output timing too close to the beginning of the sample period.
Table 8-8 lists the phase calibration setting boundary at which DRDY either first asserts within a sample period,
or in the next sample period. If the setting for the channel configured to control DRDY assertion is greater than
the value listed in Table 8-8 for each OSR, DRDY asserts for the first time within a sample period of the channel
being enabled or the synchronization pulse. If the phase setting value is equal to or more negative than the value
in Table 8-8, DRDY asserts in the following sample period. See the Synchronization section for more information
about synchronization.
Table 8-8. Phase Setting First DRDY Assertion Boundary
OSR
PHASE SETTING BOUNDARY
PHASEn[9:0] BIT SETTING BOUNDARY
128
–19
3EDh
256
–83
3ADh
512
–211
32Dh
1024
–467
22Dh
>1024
None
N/A
The DRDY_HIZ bit in the MODE register configures the state of the DRDY pin when deasserted. By default
the bit is 0b, meaning the pin is actively driven high using a push-pull output stage. When the bit is 1b, DRDY
behaves like an open-drain digital output. Use a 10-kΩ pullup resistor to pull the pin high when DRDY is not
asserted.
The DRDY_FMT bit in the MODE register determines the format of the DRDY signal. When the bit is 0b, new
data are indicated by DRDY changing from high to low and remaining low until either all conversion data are
shifted out of the device, or remaining low and going high briefly before the next time DRDY transitions low.
When the DRDY_FMT bit is 1b, new data are indicated by a short negative pulse on the DRDY pin. If the host
does not read conversion data after the DRDY pulse when DRDY_FMT is 1b, the device skips a conversion
result and does not provide another DRDY pulse until the second following instance when data are ready
because of how the pulse is generated. See the Collecting Data for the First Time or After a Pause in Data
Collection section for more information about the behavior of DRDY when data are not consistently read.
8.5.1.6 Conversion Synchronization or System Reset (SYNC/RESET)
The SYNC/RESET pin is a multifunction digital input pin that serves primarily to allow the host to synchronize
conversions to an external process or to reset the device. See the Synchronization section for more details
regarding the synchronization function. See the SYNC/RESET Pin section for more details regarding how the
device is reset.
8.5.1.7 SPI Communication Frames
SPI communication on the AMC131M02 is performed in frames. Each SPI communication frame consists of
several words. The word size is configurable as either 16, 24, or 32 bits by programming the WLENGTH[1:0] bits
in the MODE register.
The interface is full duplex, meaning that the interface is capable of transmitting data on DOUT while
simultaneously receiving data on DIN. The input frame that the host sends on DIN always begins with a
command. The first word on the output frame that the device transmits on DOUT always begins with the
response to the command that was sent in the previous input frame.
www.ti.com
AMC131M02
SBASA56 – SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: AMC131M02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com