Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC131M02 Datasheet(PDF) 8 Page - Texas Instruments

Part # AMC131M02
Description  AMC131M02 2-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC131M02 Datasheet(HTML) 8 Page - Texas Instruments

Back Button AMC131M02 Datasheet HTML 4Page - Texas Instruments AMC131M02 Datasheet HTML 5Page - Texas Instruments AMC131M02 Datasheet HTML 6Page - Texas Instruments AMC131M02 Datasheet HTML 7Page - Texas Instruments AMC131M02 Datasheet HTML 8Page - Texas Instruments AMC131M02 Datasheet HTML 9Page - Texas Instruments AMC131M02 Datasheet HTML 10Page - Texas Instruments AMC131M02 Datasheet HTML 11Page - Texas Instruments AMC131M02 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 89 page
background image
6.8 Electrical Characteristics
minimum and maximum specifications apply from TA = –40°C to +125°C and DVDD = 3.0 V to 5.5V; typical specifications
are at TA = 25°C, DVDD = 3.3 V, and for channel 0; all specifications are at fCLKIN = 8.192 MHz, data rate = 4 kSPS,
high-resolution mode, all channels enabled, global-chop mode disabled, and gain = 1 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUTS
IIB
Input bias current
AINxP = AINxN = HGND;
IIB = (IIBP + IIBN) / 2, Gain = 1, 2, or 4
0.65
0.9
μA
AINxP = AINxN = HGND;
IIB = (IIBP + IIBN) / 2, Gain = 8 to 128
–1.0
–0.65
TCIIB
Input bias current drift
–1
±0.35
1 (2)
nA/°C
IIO
Input offset current
IIO = IIBP – IIBN
±15
nA
RIN
Single-ended input
impedance
AINxN = HGND, gain = 1, 2, or 4
250
kΩ
AINxN = HGND, gain = 8 to 128
0.5
MΩ
ZIND
Differential input impedance
(AINxN + AINxP) / 2 = HGND,
Gain = 1, 2, or 4
275
kΩ
(AINxN + AINxP) / 2 = HGND,
Gain = 8 to 128
1
MΩ
ADC CHARACTERISTICS
Resolution
24
Bits
Gain settings
1, 2, 4, 8, 16, 32, 64, 128
fDATA
Data rate
High-resolution mode, fCLKIN = 8.192 MHz,
NDIV = 2
250
64k
SPS
Low-power mode, fCLKIN = 4.096 MHz,
NDIV = 2
125
32k
SPI start-up time
Measured from supplies at 90% to SPI
interface ready to accept data
0.3
ms
Converter start-up time
Measured from DCDC enable bit set to first
DRDY falling edge with data settled to 0.1%
(CLKIN running)
1.0
ms
ADC PERFORMANCE
INL
Integral nonlinearity
End-point fit
6
ppm of
FSR
EO
Offset error (input referred)
External short, TA = 25°C
–100
±100
330
µV
Global-chop mode,
default global-chop delay, external short,
TA = 25°C
–100
6
100
TCEO
Offset error drift vs
temperature
External short
–0.5
±0.1
0.5 (3)
µV/°C
Global-chop mode, external short
–0.3
±0.1
0.3 (3)
EG
Gain error
Channel 0, TA = 25°C, end-point fit
–0.2
±0.025
0.2
%
Channel 1, TA = 25°C, end-point fit
–1
±0.1
1
TCEG
Gain error drift vs
temperature
Including internal reference error
8
25 (3) ppm/°C
CMRR
Common-mode rejection
ratio
fIN = 0 Hz, VCM min ≤ VIN ≤ VCM max
110
dB
fIN = 50 Hz or 60 Hz,
VCM min ≤ VIN ≤ VCM max, VAINP = VAINN
110
EN
Input-referred noise
10
µVRMS
DR
Dynamic range
Gain = 1
98
dB
Gain = 32, channel 0
80
All other gain settings
See Table 7-2
AMC131M02
SBASA56 – SEPTEMBER 2023
www.ti.com
8
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AMC131M02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com